Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Measurement Computing
(508) 946-5100
3
info@mccdaq.com
mccdaq.com
USB-2408 Series
Mux
Microcontroller
and
FPGA
24-bit
A/D
PGA
8
8
Bitwise
Programmable
DIO
SPI
8
AI
AI
Counter In 1
Counter In 0
USB-2408-2AO only
16-bit
D/A
16-bit
D/A
Amp
Amp
SPI
SPI
Isolation
Calibration
Voltage
Sources
2
D+/D–
Non-Isolated
Power
Supply
VBUS (5 V)
EEPROM
Microcontroller
with full-speed
USB 2.0
Isolated
Power
Supplies
+12.0 V–12.0 V 3.3 V5 V
3.3 V
USB
USB-2408 Series Block Diagram
Specifications
Specifications
All specifications are subject to change without notice.
Typical for 25 °C unless otherwise specified.
All specifications apply to all temperature and voltage input channels unless
otherwise specified.
Analog Input
A/D converter type: ADS1256, 24-bit Sigma Delta
A/D data rates (S/s): 3750, 2000, 1000, 500, 100, 60, 50, 25, 10, 5, 2.5
A/D resolution: 24 bits
Throughput
Single channel: 2.5 S/s to 1102.94 S/s
Multiple channels: 0.16 Hz to 1102.94 Hz
Number of channels: Up to 16 channels individually software-selectable SE/ DIFF
Input isolation: 500 VDC min between field wiring and USB interface
Channel configurations: Temperature sensor input, voltage input
Input voltage range
Thermocouple mode (V): ±0.078125
Voltage mode (V): ±10, ±5, ±2.5, ±1.25, ±0.625, ±0.3125, ±0.15625, ±0.078125
Absolute maximum input voltage
CxH-CxL relative to GND: ±22 V max (power on), ±10 V max (power off)
Input impedance: 10 MΩ (power on), 390 Ω (power off)
Input leakage current: ±20 nA; voltage >±22 V (power on/off): ±1 µA max
Input capacitance: 590 pf
Working voltage (signal + common mode): Voltage mode ±10.25 V max
Common mode rejection ratio
Thermocouple mode (f
IN = 60 Hz): 110 dB
Voltage mode (f
IN = 60 Hz, all input ranges): 90 dB
Crosstalk: adjacent channels,100 dB
Input coupling: DC
Channel gain queue: Up to 64 elements, software-selectable channel and range
Warm-up time: 45 minutes min
Open thermocouple detect: Software-selectable for each channel
CJC sensor accuracy
15 °C to 35 °C: ±0.5 °C typ
0 °C to 55 °C: ±1.0 °C max
Channel Configurations
CxH/CxL
Thermocouple: 8 DIFF channels
Voltage: 16 SE or 8 DIFF; individually configurable
Compatible Sensors (Thermocouple)
J: –210 °C to 1200 °C
K: –270 °C to 1372 °C
R: –50 °C to 1768 °C
S: –50 °C to 1768 °C
T: –270 °C to 400 °C
N: –270 °C to 1300 °C
E: –270 °C to 1000 °C
B: 0 °C to 1820 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com