Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-2408 Series
Thermocouple Measurement Accuracy
TC
Type
Temp.
Range
Accuracy Error,
max
Accuracy
Error, typ
Tempco
(°C/°C)
J
–210 °C
±2.572 °C
±1.416 °C
±0.022
0 °C
±0.935 °C
±0.469 °C
1200 °C
±1.869 °C
±1.456 °C
K
–210 °C
±2.917 °C
±1.699 °C
±0.029
0 °C
±1.017 °C
±0.526 °C
1372 °C
±2.478 °C
±2.022 °C
N
–200 °C
±3.480°C
±2.030 °C
±0.029
0 °C
±1.201 °C
±0.659 °C
1300 °C
±1.991 °C
±1.600 °C
R
–50 °C
±4.826 °C
±3.133 °C
±0.082
250 °C
±2.117 °C
±1.424 °C
1768 °C
±2.842 °C
±2.347 °C
S
–50 °C
±4.510 °C
±2.930 °C
±0.089
250 °C
±2.165 °C
±1.468 °C
1768 °C
±3.187 °C
±2.597 °C
B
250 °C
±5.489 °C
±3.956 °C
±0.14
700 °C
±2.283 °C
±1.743 °C
1820 °C
±2.202 °C
±1.842 °C
E
–200 °C
±2.413 °C
±1.352 °C
±0.017
0 °C
±1.069 °C
±0.551 °C
1000 °C
±1.575 °C
±1.211 °C
T
–200 °C
±2.821 °C
±1.676 °C
±0.027
0 °C
±1.050 °C
±0.558 °C
400 °C
±0.957 °C
±0.595 °C
Includes CJC measurement error and polynomial linearization error; valid for one
year or 3000 operating hours. Each terminal block has a CJC sensor. The accuracy
listed above assumes the screw terminals are at the same temperature as the CJC
sensor. Connect thermocouples so that they float with respect to AGND.
Specifications
Input Bandwidth
A/D Data Rate (S/s)
–3 db Bandwidth (Hz)
3750
1615
2000
878
1000
441
500
221
100
44.2
60
26.5
50
22.1
25
11.1
10
4.42
5
2.21
2.5
1.1
Refer to the USB-2408 or USB-2408-2AO user’s guide for the following specifications:
- Noise performance
- Channel switching error
Throughput rate: The maximum throughput is 1.1 kS/s aggregate. The USB-2408
can set conversion rates on a per-channel basis. Refer to the hardware user’s
guide for tables and formulas for single- and multichannel throughputs.
Analog Voltage Output (USB-2408-2AO only)
Leave unused AOUTx output channels disconnected. The USB-2408-2AO output
voltage level defaults to 0 V whenever the host PC is reset, shut down or suspended,
or if a reset command is issued to the device.
The duration of the output transient depends on the enumeration process of the
host computer. The output of the USB-2408-2AO is typically stable after two seconds.
Digital to analog converter: DAC8552
Number of channels: 2
Resolution: 16 bits
Output ranges
Calibrated: ±10 V
Uncalibrated: ±10.05 V, software-selectable
Output transient
Host computer is reset, powered on, suspended or reset command issued
Duration: 2 s
Amplitude: 2 V p-p
Initial power on
Duration: 50 ms
Amplitude: 5 V peak
Differential nonlinearity: ±0.25 LSB typ, ±1 LSB max
Output current: AOUTx pins, ±5.0 mA max
Output short-circuit protection (AOUTx connected to AGND): Unlimited
duration
Output coupling: DC
Analog Input DC Voltage Measurement Accuracy
Range
Gain Error
(% of Reading)
Offset Error
INL Error
(% of Range)
Absolute
Accuracy
Gain Temperature Coefficient
(% Reading/°C)
Offset Temperature
Coefficient (µV/°C)
±10 V
±0.0037
50 µV
±0.0008
500 µV
±0.0006
3
±5 V
±0.0047
25 µV
±0.0008
300 µV
±0.0006
2
±2.5 V
±0.0059
20 µV
±0.0008
200 µV
±0.0006
1
±1.25 V
±0.0056
20 µV
±0.0008
100 µV
±0.0006
1
±0.625 V
±0.0068
15 µV
±0.0005
60 µV
±0.0006
1
±0.3125 V
±0.0104
15 µV
±0.0006
50 µV
±0.0006
1
±0.15625 V
±0.0184
10 µV
±0.0005
40 µV
±0.0006
1
±0.078125 V
±0.0384
10 µV
±0.0009
40 µV
±0.0006
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com