Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-2408 Series
Specifications
Power on and reset state: DACs cleared to zero-scale, 0 V, ±50 mV
Output noise: 60 µVrms (BW=1.5 KHz)
Settling time: To rated accuracy, 10 V step, 75 µs
Slew rate: 1.0 V/µs
Throughput
Single-channel: 1000 S/s max, system-dependent
Multi-channel: 1000 S/s /#ch max, system-dependent
Calibrated absolute accuracy
Range: ±10 V
Accuracy (±LSB): 16.0
Calibrated absolute accuracy components
Range: ±10 V
% of Reading: ±0.0183
Offset: ±1.831 mV
Temp drift (%/°C): 0.00055
Absolute accuracy at FS: ±3.661 mV
Relative accuracy
Range: ±10 V
Relative accuracy: ±4.0 LSB typ
Analog Input/Output Calibration
Warm-up time: 45 minutes min
Calibration: Firmware calibration
Calibration interval: 1 year
AI calibration reference: 10.000 V, ±5 mV max; measured values stored in EEPROM
Tempco: 5 ppm/°C max
Long-term stability: 30 ppm/1000 hours
AO calibration procedure (USB-2408-2AO only): The analog output pin is
internally routed to the analog input pin.
AOUTx readback (USB-2408-2AO only, software-selectable): Each AOUTx output
can be independently measured by the onboard A/D converter
Digital Input/Output
Digital Input
Number of I/O: 8 channels
Configuration: Each DIO bit can be independently read from (DIN) or written to
(DOUT). DIN bits can be read at any time whether the DOUT is active or tri-stated.
Input voltage range: 0 to 15 V
Input type: CMOS (Schmitt trigger)
Input characteristics: 47 kΩ pull-up/pull-down resistor, 28 kΩ series resistor
Maximum input voltage range: 0 V to 20 V max (power on/off, relative to DGND
Pull-up/down configuration: All pins pulled up to 5 V through individual 47 kΩ
resistors. Configure for pull-down with J6 shorting block across pins 2 and 3
Transfer rate (software paced): 500 port reads or single bit reads per second typ
Input high voltage: 1.3 V to 2.2 V
Input low voltage: 1.5 V to 0.6 V
Schmitt trigger hysteresis: 0.4 V to 1.2
Digital Output
Number of I/O: 8 channels
Configuration: Each DIO bit can be independently read from (DIN) or written to
(DOUT). DIN bits can be read at any time whether the DOUT is active or tri-stated.
Output characteristics: 47 kΩ pull-up, open drain (DMOS transistor)
Each DMOS transistor source pin is internally connected to DGND
Pull-up configuration: All pins pulled up to 5 V through individual 47 kΩ resis-
tors (the J6 shorting block default position is pins 1 and 2).
Transfer rate (software paced)
Digital output: 500 port writes or single bit writes per second typ
Output voltage range: 0 V to 5 V (no external pull up resistor, internal 47 kΩ
pull-up resistors connected to 5 V by default); 0 V to 15 V max
Drain to source breakdown voltage: 50 V min
Off state leakage current: 1.0 µA
Sink current capability: 150 mA max (continuous) per output pin
150 mA max (continuous) for all eight channels
DMOS transistor on-resistance (drain to source): 4 Ω
Counter
Pin names: CTR0, CTR1
Number of channels: 2
Resolution: 32-bits
Counter type: Event counter
Input type: Schmitt trigger, rising edge triggered
Input source: CTR0 (pin 44), CTR1 (pin 42)
Counter read/writes rates (software paced)
Counter read: System-dependent, 500 reads per second.
Counter write: System-dependent, 500 writes per second.
Input characteristics: Each CTRx input pin has 562 kΩ resistor pulled up to 5 V
and a 10 kΩ series resistor
Input voltage range: ±15 V max
Maximum input voltage range: CTR0,CTR1 relative to GND and DGND, ±20
V max (power on/off)
Input high voltage: 1.3 V to 2.2 V
Input low voltage: 1.5 V to 0.6 V
Schmitt trigger hysteresis: 0.4 V to 1.2
Input bandwidth (-3 dB): 1 MHz
Input capacitance: 25 pf
Input leakage current: ±120 nA @5 V, ±1.6 mA @±15 V
Input frequency: 1 MHz, max
High pulse width: 500 ns, min
Low pulse width: 500 ns, min
Memory
EEPROM: 4096 bytes isolated micro reserved for sensor configuration, 256 bytes
USB micro for external application use
Microcontroller
Type: One high-performance 8-bit RISC microcontroller with USB interface
(non-isolated)
One high-performance 16-bit RISC microcontroller for measurements (isolated)
Power
Supply current: Quiescent current, 275 mA
This is the total quiescent current requirement for the USB-2408 Series which
includes up to 10 mA for the status LED. This does not include any potential
loading of the digital I/O bits, +5 V user terminal or the AOUTx outputs.
Voltage supervisor limits: 4.5 V > V
ext or Vext > 5.5 V, PWR LED = Off, (power fault)
4.5 V < V
ext < 5.5 V, PWR LED = On
5 V user output voltage range: Available at terminal block pin 40, 4.75 V to 5.25 V
+5 V user output current: Available at terminal block pin 40, 10 mA max
Isolation: Measurement system to computer, 500 VDC min
USB Specifications
USB device type: USB 2.0 (full-speed)
Device compatibility: USB 1.1, USB 2.0
USB cable type: A-B cable, UL type AWM 2527 or equivalent (min 24 AWG VBUS/
GND, min 28 AWG D+/D–)
USB cable length: 3 m (9.84 ft) max
Environmental
Operating temperature range: 0 °C to 50 °C
Storage temperature range: -40 °C to 85 °C
Humidity: 0% to 90% non-condensing
Mechanical
Dimensions (L × W × H): 127 × 89.9 × 35.6 mm (5.00 × 3.53 × 1.40 in.)
User connection length: 3 m (9.84 ft) max
Screw Terminal Connector
Connector type: Fixed screw terminal
Wire gauge range: 16 AWG to 30 AWG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com