| Electronic Components Datasheet Search |
|
DASYLAB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DASYLAB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 7 page ![]() Measurement Computing (508) 946-5100 7 info@mccdaq.com mccdaq.com USB-1602HS and USB-1604HS Series Rev 2, August 2017. DS USB-1602_4HS © Copyright © Measurement Computing Corporation Ordering Information Hardware Part No. Description USB-1602HS 16-bit, high-speed 2 MS/s simultaneous sampling device with two analog inputs, four counters, two timers, and 32 DIO lines. Includes USB cable, external power supply, and MCC DAQ software. USB-1602HS-2AO 16-bit, high-speed 2 MS/s simultaneous sampling device with two analog inputs, two analog outputs, four counters, two timers, and 32 DIO lines. Includes USB cable, external power supply, and MCC DAQ software. USB-1604HS 16-bit, high-speed 1.33 MS/s simultaneous sampling device with four analog inputs, four counters, two timers, and 32 DIO lines. Includes USB cable, external power supply, and MCC DAQ software. USB-1604HS-2AO 16-bit, high-speed 1.33 MS/s simultaneous sampling device with four analog inputs, two analog outputs, four counters, two timers, and 32 DIO lines. Includes USB cable, external power supply, and MCC DAQ software. Accessories and Cables Part No. Description CA-68-3R 68-pin ribbon cable, 3 feet. CA-68-3S 68-pin shielded round cable, 3 feet. CA-68-6S 68-pin shielded round cable, 6 feet. TB-102 Termination board with screw terminals. RM-TB-100 19-inch rack mount kit for use with the TB-102. Software also Available from MCC Part No. Description TracerDAQ Pro Out-of-the-box virtual instrument suite with strip chart, oscilloscope, function generator, and rate generator – professional version DASYLab Icon-based data acquisition, graphics, control, and analysis software Ordering |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |