Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  High-Speed Multifunction DAQ with Synchronous I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-1602HS and USB-1604HS Series
Specifications
All specifications are subject to change without notice.
Typical for 25 °C unless otherwise specified.
All signal names refer to 68 pin SCSI connector, unless otherwise specified.
Analog Input
A/D converter type: 16-bit successive approximation type
Number of channels
USB-1602HS, USB-1602HS-2AO: 2
USB-1604HS, USB-1604HS-2AO: 4
Input configuration: Single-ended
Sampling method: Simultaneous; individual A/D per channel
Input ranges: ±10 V, ±2.5 V, ±500 mV
Absolute max input voltage: ±30 V max (power on), ±20 V max (power off)
Input impedance: 10 MΩ (typ, power on)
Input bias current: < 2 µA
Input bandwidth (–3 dB): 3 MHz, typ
Crosstalk Remaining inputs grounded: 100 dB (at 100 kHz )
Pacer sources: Onboard A/D clock, XAPCR (SCCI connector), or EXT CLK (BNC
connector.) Refer to “Pacing Sources” on page 6 for details.
Trigger sources and modes: Refer to ”Trigger Sources” on page 6 for details.
Sample rate: Software-selectable.
USB-1602HS, USB-1602HS-2AO: 0.01 S/s to 2 MS/s each channel
USB-1604HS, USB-1604HS-2AO: 0.01 S/s to 1.33 MS/s each channel
Resolution: 16-bits
INL (integral non-linearity): ±2.0 LSB
DNL (differential non-linearity): ±1.0 LSB
Calibrated Accuracy
Range
Accuracy (mV)
±10 V
±1
±2.5 V
±0.5
±500 mV
±0.15
Noise Performance
Range
Counts
LSBrms
±10 V
8
1.3
±2.5 V
11
1.6
±500 mV
17
2.5
Noise distribution is determined by gathering 50,000 samples with inputs tied to
ground at the BNC connectors. Samples are gathered at the max specified rate.
Signal to Noise and Distortion (SINAD) Performance
Range
SINAD, dB
±10 V
84
±2.5 V
82
±500 mV
77
Calibrated and measured with a 10 kHz signal at 0.95 FSR, at the maximum
sampling rate.
Effective Number of Bits (ENOB) Performance
Range
Typical ENOB, bits
±10 V
14
±2.5 V
13
±500 mV
13
Calibrated and measured with a 10 kHz signal at 0.95 FSR, at the maximum
sampling rate.
Spurious-Free Dynamic Range (SFDR) Performance
Range
Typical SFDR, dB
±10 V
95
±2.5 V
95
±500 mV
95
SFDR is measured at the maximum sampling rate.
Analog Output (USB-1602HS-2AO and
USB-1604HS-2AO)
Number of channels: Two, independent (DAC 0, DAC 1)
Resolution: 16-bits
Output range: ±10 V
Throughput: Two channels, 1 MS/s each channel
Pacer sources: Internal, external, slaved to analog input pacing; refer to “Pacing
Sources” on page 6 for details.
Monotonicity: 16-bits
Glitch energy: < 12 nV/s
Current output: ±5 mA max
Output coupling: DC
Power up state: DACs clear to midscale, (0 V, ±20 mV)
Output noise: 3 mV rms max
Settling time (to .01% FS):
10 V output step, (RL=5 kΩ, CL=200 pf): 5 µS
Slew rate: 10 V/µs
Gain error: ±0.01% of FSR
Zero error: ±0.0045 V max
INL: < 2 LSBs
DNL: < 1 LSB
Offset error drift: ±10 ppm/°C
Gain error drift: ±10 ppm/°C
Analog Input Calibration
Recommended warm-up time: 15 minutes min
Calibration methods: Factory calibration and field calibration supported
System calibration interval: 1 year
System calibration references: +8.192 V, +2.048 V, +0.4096 V ±5 mV.
Actual measured values stored in EEPROM:
Tempco: 5 ppm/°C max
Long term stability: 30 ppm/1000 h
Digital Input
Number of channels: 16 inputs (DIN0-DIN15)
Digital type: 3.3 V CMOS; 5 V tolerant
Digital input transfer rate (H/W paced)
DIO-only operation: Up to 8 MHz.
DIO and AI operations:
USB-1602HS, USB-1602HS-2AO: 2 MHz
USB-1604HS, USB-1604HS-2AO: 1.33 MHz
Input high voltage: 2.0 V min, 5.5 V max
Input low voltage: 0.8 V max, 0 V min
Absolute maximum input voltage: 15 V (power-on and power-off conditions)
DIN pacing: Onboard or external clock (XAPCR)
Pacer sources: Onboard A/D clock, XAPCR (SCCI), or EXT CLK (BNC)
DIN trigger modes and sources: See “Trigger Sources” on page 6 for details.
Input pull-ups: 100 kΩ; contact us for alternative options
Latency, software paced: 115 ms, typical; system-dependant
Digital Output
Number of channels: 16 outputs (DOUT0-DOUT15)
Output rate:
No analog outputs enabled: 8 MHz max
Analog outputs enabled: 1 MHz max
Type: 3.3 V CMOS
Output high voltage (IOH = –2.5 mA): 2.4 V min, 3.4 V max
Output low voltage (IOL = 2.5 mA): 0.4 V max, 0 V min
Output current: 2.5 mA max per pin
DOUT pacing: Onboard or external clock (XDPCR)
Pacer sources: Internal, external, pacing slaved to analog input pacing; refer to
“Pacing Sources” on page 6 for details.
Power on and reset state: Low
Latency, software paced: 115 ms, typ; system-dependant
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com