Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  High-Speed Multifunction DAQ with Synchronous I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB-1602HS and USB-1604HS Series
Trigger Sources
Available trigger sources: Analog input hardware, analog software trigger, external
digital input, digital pattern, counter/totalizer
Analog input (hardware) trigger source
USB-1602HS, USB-1602HS-2AO: CH0 to CH1
USB-1604HS, USB-1604HS-2AO: CH0 to CH3
Input signal range: Entire span of selected voltage range; channel selectable.
Trigger level: Software-selectable,12-bit resolution
Hysteresis: Software-selectable,12-bit resolution
Latency: 1.25 uS typ
Accuracy: ±2% of reading, ±10 mV offset max
Analog software trigger source
USB-1602HS, USB-1602HS-2AO: CH0 – CH1
USB-1604HS, USB-1604HS-2AO: CH0 – CH3
Trigger range: Anywhere within range of the trigger channel
Trigger level: Software-selectable, 16-bit resolution
Latency: One sample period max
External digital input trigger source: EXT TRIG (BNC connector), or DIG TRIG
(SCSI connector)
Input signal range: –15 V to +15 V max
Trigger level: TTL level sensitive
Minimum pulse width: 50 ns high, 50 ns low
Latency: 100 ns max
Digital pattern triggering source: DIN0 to DIN15; 16-bit pattern triggering on
the digital port. Software-selectable for trigger on equal, not equal, above, or
below a value. Individual bits can be masked for “don’t care” condition. Latency
is one sample period, max.
Counter/totalizer triggering source: CTR0 to CTR3; Counter/totalizer inputs can
trigger an acquisition. User can trigger on a frequency, or total counts that are
equal/not equal, above/below a value, or within/outside of a window rising/
falling edge. Latency is one sample period, max.
Pacing Sources
Pacer clocks (two): Input pacer clock, output pacer clock
Input pacer: For pacing A/D, DIN and counter signals. Can be internally generated
or externally supplied (
XAPCR).
Output pacer: For pacing DAC, DOUT and timer/PWM signals. Can be internally
generated or externally supplied (
XDPCR).
Input pacer clock sources (two): Internal, external
Internal clock (software-selectable):
Analog channels:
USB-1602HS, USB-1602HS-2AO: 500 ns to 1000 s in 20.83 ns steps
USB-1604HS, USB-1604HS-2AO: 750 ns to 1000 s in 20.83 ns steps
DIN and counter channels: 125 ns to 100 s in 20.83 ns steps.
Can be configured to pace AO and/or DOUT channels.
External clock, TTL level input (XAPCR):
Analog channels:
USB-1602HS, USB-1602HS-2AO: Down to 500 ns min
USB-1604HS, USB-1604HS-2AO: Down to 750 ns min
DIN and counter channels: Down to 125 ns min
Can be configured to pace DAC and/or DOUT channels.
Input pacer rate: Internal or external, XAPCR source
Analog rate:
USB-1602HS, USB-1602HS-2AO: 2 MHz max
USB-1604HS, USB-1604HS-2AO: 1.33 MHz max
Digital rate: 8 MHz if no analog channels are enabled. When analog channels
are enabled:
USB-1602HS, USB-1602HS-2AO: 2 MHz max
USB-1604HS, USB-1604HS-2AO: 1.33 MHz max
Pacer input high voltage: 2.0 V min, 5.5 V max
Pacer input low voltage: 0.8 V max, 0 V min
Minimum pulse width: 50 ns high, 50 ns low
Output pacer clock sources (four): Internal output pacer clock, (independent of
input pacer clock), external output pacer clock (XDPCR), internal input pacing
clock, and external input pacing clock (XAPCR)
Output pacer rate: Internal or external, XDPCR source.
Analog rate: 1.0 MHz max
Digital rate
Analog outputs not enabled: 8 MHz, if no analog outputs are enabled,
Analog outputs enabled: 1 MHz
Internal pacer routed to BNC or SCSI connector
Output high voltage (IOH = –2.5 mA):
Output low voltage (IOL = 2.5 mA):
XAPCR or XDPCR: 2.4 V min, 0.4 V max
Counter Input
Number of channels: 4 independent counters (CTR0, CTR1, CTR2, CTR03); may
be configured as gated.
Modes: Counter, Period, Pulse width, Timing
Counter mode options: Totalize, Clear on Read, Rollover, Stop at top, 16-bit or
32-bit, any other channel can decrement the counter
Period mode options: Measure x1, x10, x100, or x1000 periods, 16-bit or 32-bit,
4 timebases (20.83 ns, 208.3 ns, 2.083 µs, 20.83 µs), any other channel can
gate the period measurement
Pulse width mode options: 16-bit or 32-bit values, 4 time bases to choose from
(20.83 ns, 208.3 ns, 2.083 µs, 20.83 µs), any other channel can gate the pulse
width measurement
Timing mode options: 16-bit or 32-bit values, 4 time bases (20.83 ns, 208.3 ns,
2.083 µs, 20.83 µs)
Resolution: 16- or 32-bits
Maximum input frequency: 20 MHz
Input type: TTL, rising edge triggered
Absolute maximum input voltage: 15 V
Debounce function 16 selections, from 500 ns to 25.5 ms, positive or negative
edge, glitch detect and/or debounce modes
Required input current: ±5 µA
Minimum pulse width: 25 nS high, 25 ns low
Input high voltage: 2.0 V min, 5.5 V max
Input low voltage: 0.8 V max, 0 V min
Timer Output
Number of channels: TMR/PWM0, TMR/PWM1
Effective frequency range: 0.0112 Hz to 24 MHz
Period resolution: 20.83 nS
Pulse width resolution: 20.83 nS
Output high voltage (IOH = –2.5 mA): 2.4 V min
Output low voltage (IOL = 2.5 mA): 0.4 V max
Output current: 2.5 mA max per pin
Quadrature Encoders
Number of encoders: 3 (CTR4A, B, Z; CTR5 A, B, Z; CTR6 A, B, Z)
Signals per decoder: A, B and Z
Resolution: 16- or 32-bits
Maximum frequency: 6 MHz
Minimum pulse width: 25 nS high, 25 ns low
Debounce function: 16 selections, from 500 ns to 25.5 ms, positive or negative
edge, glitch detect, and/or debounce modes
Input high voltage: 2.0 V min, 5.5 V max
Input low voltage: 0.8 V max, 0 V min
Absolute maximum input voltage: 15 V
Power
Supply current (continuous mode): 1.5 A max
+5V EXT output voltage range: 4.75 V to 5.25 V
Isolation (measurement system to PC): 500 VDC min
AC power adapter: MCC part number PS-5V2AEPS
Output voltage: 5 V, ±5%
Output power: 10 watts
Power jack configuration: Two conductor, barrel
Power jack barrel diameter: 6.3 mm
Power jack pin diameter: 2.0 mm
Power jack polarity: Center positive
Environmental
Operating temperature range: 0 °C to 55 °C max
Storage temperature range: –40 °C to 85 °C max
Humidity: 0% to 90% non-condensing max
Mechanical
Dimensions (L × W × H): 142.2 × 180.3 × 38.1 (5.6 × 7.1 × 1.5 in.)
Weight: 675 g (1.5 lbs)
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com