Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  High-Speed Multifunction DAQ with Synchronous I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Measurement Computing
(508) 946-5100
3
info@mccdaq.com
mccdaq.com
USB-1602HS and USB-1604HS Series
Block Diagram
CYPRESS
FX2
USB
Isolation
System
DAQ
FPGA
CAL
EEPROM
48 MHz
Clock
DAC 0
USB-1602HS-2AO and USB-1604HS-2AO only
USB-1604HS and USB-1604HS-2AO only
USB-1602HS/USB-1602HS-2AO: 2 MSPS
USB-1604HS/USB-1604HS-2AO: 1.33 MSPS
TRIG
Control
ADC0
16-bit
ADC1
16-bit
ADC2
16-bit
ADC3
16-bit
DAC 0
DAC 1
1 MB
RAM
µP
FPGA
EEPROM
32 KB
Debug
Memory
DAC 1
CH3
CH2
CH1
CH0
CTR0-CTR3
TMR/PWM0,TMR/PWM1
XADPCR (external input pacer clock)
XDPCR (external output pacer clock)
DIG TRIG
16
DOUT
DIN
16
Power
System
Isolation
Digital
Analog
Non-Isolated
Power
Isolated Digital
Power
Isolated Analog
Power
5 VDC
900 mA
USB
2.0
CTRxA, B, Z
9
4
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com