Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  High-Speed Counter/Timer Devices with Digital I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-CTR Series
Features
Synchronous Counter and Digital
Inputs
USB-CTR Series devices can and read digital and counter inputs
simultaneously at the supported data streaming rates (refer to
Counter I/O and Gating).
Timer Output
USB-CTR Series devices have four 32-bit timer outputs. Each
timer can generate a programmable width pulse with a software-
selectable frequency in the range of 0.02235 Hz to 48 MHz. At
higher frequencies, the timer output frequency and duty cycle
depend on the load impedance and the supply.
The timer output rate and pulse width can be updated asynchro-
nously at any time; however, doing so results in a pulse stream
that is not seamless.
The following timer output options are software-selectable:
• pulse frequency
• duty cycle (pulse width divided by the pulse period)
• number of pulses to generate
• time delay before starting the timer output after it’s
enabled
• resting state of the output (idle high or idle low)
Both the period and time delay ranges are 20.83 ns to 44.739 sec-
onds.
Timer
Generator
+5 V
TMRx Terminal
USB-CTR Series PWM timer channel
Trigger Input
USB-CTR Series devices can trigger synchronous acquisitions of
counter data internally with software or externally using the
digital trigger input connector.
The digital trigger input allows TTL-level triggering with laten-
cies guaranteed to be less than 20.83 ns. The acquisition can be
triggered on a rising or falling edge, or on a high or low level.
The trigger input is TTL logic. Latency is one sample period,
maximum. The input signal range is –0.5 V to 5.5 V maximum.
The logic level (1 or 0) and the rising or falling edge for the
discrete trigger input are software-selectable.
When using the external trigger, the counter begins counting
when the scan starts, even though acquisition of the count is
held off by the trigger. To coordinate the start of the acquisition
with the start of the count, you could use the trigger signal to
also trigger the gate of the counter in use. Clearing the counter
before starting the scan re-arms the gate trigger.
External Clock Pacing
You can pace synchronous acquisition of counter data by the
onboard clock or by an external clock connected to the external
clock input connector.
Power Output
Use the
+VO connector to supply power to external devices or
circuitry.
The maximum total output current that can be drawn from all
USB-CTR Series device connections (counter outputs, timer out-
puts, digital outputs, pacer clock output, and
+VO) is 240 mA.
This maximum applies to most personal computers and self-
powered USB hubs. Bus-powered hubs and notebook computers
may limit the maximum available output current to 100 mA.
If the device requires current that exceeds the current available
from the computer, connect the device to a self-powered hub or
power the computer with an external power adapter.
USB-CTR Series OEM Versions
OEM versions have board-only form factors with header con-
nectors for OEM and embedded applications. All devices can be
further customized to meet customer needs.
The OEM versions have the same specifications as the standard
devices, but come in a board-only form factor with header connectors
instead of screw terminals.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com