Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  High-Speed Counter/Timer Devices with Digital I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB-CTR Series
Features
Counter Input Modes
USB-CTR Series devices support the following counter input
modes:
• totalize mode (event counter)
• period measurement mode
• pulse-width measurement mode
• timing measurement mode
Counter input modes are software-selectable. Some modes
include the max limit and the min limit register values, which
do not directly affect the current count, but set limits in some
modes to determine counter behavior.
Each mode supports additional counter options.
Totalize Mode
In totalize mode, a USB-CTR Series device functions as a high
speed pulse event counter for general counting applications.
Each counter can be set to any resolution up to 64-bits based on
the software-selectable max limit and min limit register values.
The counters can accept frequency inputs up to 48 MHz.
The counter input connector (
CxIN) is used as the primary
counter input, and the counter gate connector (
CxGT) can be
used to perform one of the following functions:
• set the count direction
• gate the counter
• clear/reload the counter with the min limit value
• trigger a particular counter to begin counting.
The following totalize measurement mode options are software-
selectable:
Clear on Read: The counter is cleared after each read (synchro-
nous or asynchronous). The value of the counter before it was
cleared is latched and returned. It is typically cleared to zero,
but depending on counting mode, it may be cleared to the value
stored in the min limit register.
Range Limit: Set max limit and min limit register values to mimic
limit switches in a mechanical counter.
• When counting up, the counter freezes or rolls over to the
min limit count whenever the count reaches the max limit
register value.
• When counting down, the counter freezes or rolls over to
the max limit count whenever the count reaches the min
limit register value.
Counter Inputs 0-3
USB
Port
FPGA
Microcontroller
with
USB 2.0
High-Speed Interface
D+/D-
Clock
Output
8-Bit
Data
Bus
16-Bit
FIFO
Bus
Power Supplies
VBUS
(5 V)
Power Control
3.3 V Always On
Counter Outputs 0-3
Counter Gates 0-3
Trigger Input
Clock Output
External Clock Input
DIO 0-7
DIO
Protection
Counter Inputs 4-7
Counter Outputs 4-7
Counter Gates 4-7
Timer Outputs 0-3
+VO
3.3 V
5 V
1.2 V
USB-CTR08 only
USB-CTR Series Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com