Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  High-Speed Counter/Timer Devices with Digital I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Measurement Computing
(508) 946-5100
3
info@mccdaq.com
mccdaq.com
USB-CTR Series
Features
Non-recycle: The counter freezes if the max limit or min limit
is reached.
• When counting up, the counter stops when the max limit
is reached.
• When counting down, the counter stops when the min
limit is reached.
Counting resumes if the direction is reversed or if the counter is
reloaded with a value between max limit and min limit.
CountDown: Enables count down mode. This mode is overrid-
den by the state of the gate input if the gate is programmed for
direction control.
Output On: Enables counter output mode. By default, the coun-
ter output goes high when the counter reaches the value of
output register 0, and low when the counter reaches the value
of output register 1.
Output Initial State: Sets the initial state of the counter output
to either high or low.
Direction Control: Allows the counter input connector (CxIN) to
act as the pulse source and the counter gate connector (
CxGT)
to act as the direction. By default, the counter increments when
CxGT=1 (high), and decrements when CxGT=0 (low).
Gating: Allows the counter gate connector (CxGT) to gate the
counter. By default, the counter is enabled when the
CxGT signal
is high. When the
CxGT signal is low, the counter is disabled,but
holds the count value.
Clear/Reload: Clears the count to zero unless counting in Range
Limit mode. If counting in Range Limit mode, the counter gate
signal reloads the counter from the min limit register.
Count Trigger: The counter starts counting when the counter
gate signal goes active. By default, active is on the rising edge.
Period Measurement Mode
In period measurement mode, a USB-CTR Series device measures
the period of any signal at a counter input (
CxIN). The device
counts the integral number of ticks that make up the period,
and the data returned is always time measured in ticks.
The measurement period is the time from edge-to-edge, either
both rising or both falling. Period data is latched as it becomes
available, and is acquired at the counter read rate.
The data returned is interpreted as time measured in ticks. This
data represents the number of tick size intervals counted during
the period measurement.
Optionally, the counter gate connector (
CxGT) can be used to
gate the counter.
• When
CxGT is high, the counter is enabled.
• When
CxGT is low, the counter is disabled, but holds the
count value.
The 96 MHz system clock is used as the timing source. Periods
from sub-microsecond to many seconds can be measured.
The following period measurement mode options are software-
selectable:
Period mode: Select one of the following period modes:
• X1 – The measurement is latched each time one complete
period is observed.
• X10 – The measurement is latched each time 10 complete
periods are observed.
• X100 – The measurement is latched each time 100 com-
plete periods are observed
• X1000 – The measurement is latched each time 1000 com-
plete periods are observed.
Tick size: The tick size (or period resolution) is a fundamental
unit of time derived from the period of the 96 MHz system clock.
Four counter channel tick sizes are available – 20.83 ns, 208.3
ns, 2083.3 ns, and 20833.3 ns.
Pulse Width Measurement Mode
In pulse width measurement mode, a USB-CTR Series device
measures the time from the rising edge to the falling edge, or
vice versa, on a counter input signal (
CxIN). The measurement
is either pulse width low or pulse width high, depending upon
the edge detection setting.
Every time the pulse width measurement is latched from the
counter, the counter is immediately cleared and enabled to count
the time for the next pulse width. The pulse width measurements
are latched as they become available.
The data returned is interpreted as time measured in ticks. This
data represents the number of tick size intervals counted during
the pulse width measurement.
Optionally, the counter gate connector (
CxGT) can be used to
gate the counter.
• When
CxGT is high, the counter is enabled.
• When
CxGT is low, the counter is disabled, but holds the
count value.
The 96 MHz system clock is used as the timing source. Pulse
widths from sub-microsecond to many seconds can be measured.
Tick size: The tick size (or pulse width resolution) is a fundamen-
tal unit of time derived from the period of the 96 MHz system
clock. Four counter channel tick sizes are available – 20.83 ns,
208.3 ns, 2083.3 ns, and 20833.3 ns.
Timing Mode
In timing mode, a USB-CTR Series device measures the time
between an event on the counter input (
CxIN) and a subsequent
event on the counter gate (
CxGT), such as the rising or falling
edge of one event with respect to the rising or falling edge of
another event (based on the edge detection setting).
Whenever the time measurement is latched from the counter,
the counter is immediately cleared and enabled for accepting
the subsequent time period, which starts with the next edge on
the main channel.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com