Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  High-Speed Counter/Timer Devices with Digital I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-CTR Series
Features
The following example measures the time between the rising
edge on a counter input (
CxIN) and the falling edge on the
counter gate (
CxGT). The counter read operation returns zeroes
until one complete time measurement has been taken. Then,
the time in ticks is latched by the device until the next time
measurement has been completed. Rising edges on the counter
input channel clear the counter and falling edges on the gate
input latch the output of the counter at that time.
Example of a counter input channel in timing mode
The data returned is interpreted as time measured in ticks. This
data represents the number of tick size intervals counted during
the timing measurement.
Tick size: The tick size (or timing resolution) is a fundamental
unit of time derived from the period of the 96 MHz system clock.
Four counter channel tick sizes are available – 20.83 ns, 208.3
ns, 2083.3 ns, and 20833.3 ns.
Debounce Filters
USB-CTR Series devices have debounce circuitry which elimi-
nates switch-induced transients that are typically associated
with electromechanical devices including relays, proximity
switches, and encoders.
All debounce filter options are software selectable. You can select
a debounce time, debounce mode, and rising-edge or falling-edge
sensitivity. Each channel can be debounced with 16 program-
mable debounce times in the range of 500 ns to 25.5 ms.
The signal from the buffer can be inverted before it enters the
debounce circuitry. The inverter is used to make the input rising-
edge or falling-edge sensitive.
Debounce filter modes – trigger after stable and trigger before stable
– and a debounce bypass
Edge selection is available with or without debounce. In this
case, the debounce time setting is ignored and the input signal
goes straight from the inverter or inverter bypass to the counter
module.
The two debounce filter modes are trigger after stable and trigger
before stable. In either mode, the selected debounce time deter-
mines how fast the signal can change and still be recognized.
Trigger After Stable Mode
In trigger after stable mode, the output of the debounce mod-
ule does not change state until a period of stability has been
achieved. The input has an edge, and then must be stable for a
period of time equal to the debounce time.
Trigger Before Stable Mode
In trigger before stable mode, the output of the debounce module
immediately changes state, but does not change state again until
a period of stability has passed. Use this mode to detect glitches.
Debounce Filter Mode Comparisons
The following diagram shows how the two modes interpret the
same input signal, which exhibits glitches. Notice that the trig-
ger before stable mode recognizes more glitches than the trigger
after stable mode. Use the bypass option to achieve maximum
glitch recognition.
Debounce Time
Debounce Time
Debounce Time
Input
Trigger Before Stable
Trigger After Stable
Bypass
Example of two debounce filter modes interpreting the same signal
Trigger after stable mode behaves more like a traditional debounce
function: rejecting glitches and only passing state transitions
after a required period of stability. Trigger after stable mode is
used with electromechanical devices like encoders and mechani-
cal switches to reject switch bounce and disturbances due to a
vibrating encoder that is not otherwise moving.
Digital I/O
USB-CTR Series devices can connect up to eight digital I/O
lines. The digital I/O connectors can detect the state of any
TTL-level input.
Pull-Up/Down Jumper
The digital port has 47 kΩ resistors that you can configure as
pull-up or pull-down with internal jumper.
Unconnected inputs are pulled low by default to 0 V through
47 kΩ resistors. The pull-up/down voltage is common to all of
these resistors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com