| Electronic Components Datasheet Search |
|
ST1PS01AJR Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST1PS01AJR Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 20 page ![]() 3 Functional pin description GND Device ground pin. VIN Supply voltage. This pin supplies power to the internal analog and digital circuitries when voltage is higher than VUVLO. Bypass this pin to GND with a 10 μF ceramic capacitor. Input capacitor CIN must be chosen with low ESR to reduce the input voltage ripple. SW Inductor connection to internal PMOS and NMOS switches. VOUT Output voltage sense input. It provides the feedback voltage level to the regulation circuitry. 10 µF output capacitor COUT must be connected close to the pin or through a short trace and should have low ESR to reduce the output voltage ripple. EN Enable pin. A logic low level on this pin disables the device. High level enables the device. Do not leave this pin floating. D0, D2 Output voltage selection pins. See the Section 5 for VOUT selection. Do not leave these pins floating. These pins can be dynamically changed during operation. PGOOD Power Good open drain output. If used it requires a pull-up resistor to hold a high level signal. High impedance indicates that VOUT is above proper good threshold. ST1PS01 Functional pin description DS12799 - Rev 5 page 4/20 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |