Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01AJR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1PS01AJR
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01AJR Datasheet(HTML) 5 Page - STMicroelectronics

  ST1PS01AJR Datasheet HTML 1Page - STMicroelectronics ST1PS01AJR Datasheet HTML 2Page - STMicroelectronics ST1PS01AJR Datasheet HTML 3Page - STMicroelectronics ST1PS01AJR Datasheet HTML 4Page - STMicroelectronics ST1PS01AJR Datasheet HTML 5Page - STMicroelectronics ST1PS01AJR Datasheet HTML 6Page - STMicroelectronics ST1PS01AJR Datasheet HTML 7Page - STMicroelectronics ST1PS01AJR Datasheet HTML 8Page - STMicroelectronics ST1PS01AJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Power and signal supply voltage
- 0.3 to + 6.5
V
EN, D0, D1
Logic input pins
- 0.3 to + 6.5
V
VOUT, SW
Output signal monitoring and switching pins
-0.3 to VIN + 0.3
V
PGOOD
Power Good open drain output pin
- 0.3 to + 6.5
V
TAMB
Operating ambient temperature
-40 to 85
°C
TJ
Junction temperature
-40 to 125
°C
TSTG
Storage temperature
-55 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied
Table 4. Thermal data
Symbol
Parameter
Flip-Chip8
Unit
RthJA
Thermal resistance junction-ambient
60
°C/W
Table 5. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIN
Input supply voltage
1.8
5.5
V
ST1PS01
Maximum ratings
DS12799 - Rev 5
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com