Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFS160T Datasheet(PDF) 39 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 39 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 35Page - Microchip Technology MPFS160T Datasheet HTML 36Page - Microchip Technology MPFS160T Datasheet HTML 37Page - Microchip Technology MPFS160T Datasheet HTML 38Page - Microchip Technology MPFS160T Datasheet HTML 39Page - Microchip Technology MPFS160T Datasheet HTML 40Page - Microchip Technology MPFS160T Datasheet HTML 41Page - Microchip Technology MPFS160T Datasheet HTML 42Page - Microchip Technology MPFS160T Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
5.2.1
Dedicated SPI Programming Port
To facilitate the use of various programming modes, PolarFire SoC FPGAs share dedicated SPI port pins between
the system controller and user logic embedded in the FPGA. User logic must instantiate the User SPI macro to gain
access to the pins from their design. The SPI port pins can be used as a master or slave programming port based
on the signal level on the dedicated SPI mode pin. The dedicated SPI Enable pin also allows an external SPI master
to program the on-board SPI flash without an external MUX by tri-stating the SPI MOSI/MISO/SS/CLK pins on the
PolarFire SoC FPGA.
The following illustration shows the SPI port facilitating the use of various programming modes.
Figure 5-1. SPI Programming Port
FPGA Fabric
System Controller
SPI Port Pins
MISO/MOSI/SS/CLK
SPI Enable
SPI Mode
SPI
Flash
External
SPI
Master
PolarFire® SoC FPGA
System Controller
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com