Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFS160T Datasheet(PDF) 25 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 25 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 21Page - Microchip Technology MPFS160T Datasheet HTML 22Page - Microchip Technology MPFS160T Datasheet HTML 23Page - Microchip Technology MPFS160T Datasheet HTML 24Page - Microchip Technology MPFS160T Datasheet HTML 25Page - Microchip Technology MPFS160T Datasheet HTML 26Page - Microchip Technology MPFS160T Datasheet HTML 27Page - Microchip Technology MPFS160T Datasheet HTML 28Page - Microchip Technology MPFS160T Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
4.
Programmable Logic Subsystem
The following section describes the programmable logic subsystem.
4.1
Clock Management
In each PolarFire SoC FPGA, there are eight DLLs and eight PLLs to provide flexible clock generation and
management capabilities. In addition to these DLLs and PLLs, up to 15 transceiver lane transmit PLLs are also
available.
The following are key highlights of the clock management architecture.
• High-speed buffers and routing for low-skew clock distribution
• Frequency synthesis and phase shifting
• Low-jitter clock generation and jitter filtering
4.1.1
DLL
The DLL provides a calculated PVT compensated delay to the I/O’s digital delay lines and delay or phase-shifted
clocks to the FPGA fabric.
The following are the major modes to which the DLL can be configured.
• Time reference mode—the DLL takes a single clock as an input and determines how many delay line buffer taps
are required for a signal to pass through them to rotate a signal. The main use of time reference mode is to
know how many delay taps are needed to delay the clock by 90 degrees. The value is then provided to the data
strobe signal (DQS)/DQSn input signals for double data rate (DDR) memory controllers to delay all DQS/DQSn
signals by the required 90-degree phase shift to capture the data from the memory devices. Multiple memory
interfaces of the same clock rate can reuse the same DLL with lane level controls for PVT updates.
• Clock injection delay mode—the DLL can be used to compensate for the clock injection delay associated with
the source synchronous receive interfaces. The DLL can match delays for the global, regional, and high-speed
bank clocks. There are two outputs from the DLL in this mode: a x1 output fixed in time and another output that
can be divided by x1, x2, or x4 and can be phase shifted.
4.1.2
PLL
The programmable delta-sigma, low-jitter fractional PLLs are multi-function and general-purpose frequency
synthesizers, as shown in the PLL Block Diagram. Wide input and output ranges along with the best-in-class jitter
performance allow these PLLs to be used for almost any clocking application. With excellent supply noise immunity,
the PLL is ideal for use in noisy FPGA environments.
• The PLL output clock is available in eight phases with 45-degree phase differences. All eight phases are
selectable to drive four separate outputs from the PLL, where each output can select any of the eight phases
independent of other output selections and each output can also be driven to a zero output when not used.
• Each of the four outputs from the PLL can then be divided independently for any value from 1 to 127. Each of
the PLL outputs can have the output divider released by up to seven VCO/4 cycles. The delayed outputs can be
set independently for each output clock.
• Fractional-N (24-bit accuracy) capability is added to the feedback divider to have the VCO frequency be a
non-integer divide of the reference clock input frequency. The base frequency is applied to all PLL outputs.
• The PLL supports glitch-free start and stop on any one of the four outputs independently by either a register
map or a fabric control. This capability also allows the output divider values and the VCO/4 phase selection to
be modified glitch-free during the time that the clock is stopped.
• For fine granularity phase control of the PLLs, they can be cascaded with DLLs located near the PLLs, whereby
the DLL delay lines can be used in a process, voltage, and temperature (PVT) compensated or non-PVT
compensated mode to provide the phase control needed.
The following illustration shows the flow of the PLL functionality.
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com