Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFS160T Datasheet(PDF) 38 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 38 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 34Page - Microchip Technology MPFS160T Datasheet HTML 35Page - Microchip Technology MPFS160T Datasheet HTML 36Page - Microchip Technology MPFS160T Datasheet HTML 37Page - Microchip Technology MPFS160T Datasheet HTML 38Page - Microchip Technology MPFS160T Datasheet HTML 39Page - Microchip Technology MPFS160T Datasheet HTML 40Page - Microchip Technology MPFS160T Datasheet HTML 41Page - Microchip Technology MPFS160T Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
5.
System Controller
The PolarFire SoC FPGA system controller is based on the industry-standard ARM Cortex-M3 and is used for FPGA
power-up, secure DPA-safe FPGA programming, and executing and responding to system services. All internal
memories are SECDED-protected with background scrubbing capabilities to remove single-bit errors.
5.1
System Services
System services provide the user with information about the state of the FPGA and allow the user to request the
system controller to perform predefined functions using a standard Application Programming Interface (API).
The system services are listed as follows.
Design Services
• Initialize fabric RAM
• Bitstream authentication
• IAP image authentication
Device Services
• Serial number
• JTAG user code
• Design version number
• Device certificate
Data Services
• sNVM read/write
• PUF emulation service
• Nonce service
FPGA Fabric Services
• Digest check
• In-application programming
5.2
Programming
PolarFire SoC FPGAs have multiple programming modes designed to enable various use models. All bitstreams are
always encrypted and DPA safe. Each PolarFire SoC FPGA can be programmed using a dedicated SPI peripheral
and JTAG port. All PolarFire SoC FPGAs are typically reprogrammed in less than 60 seconds. For device specific
programming timings, see the PolarFire SoC FPGA Datasheet.
The following programming modes are supported:
Slave Programming
• JTAG
• Slave SPI—an external SPI master programs the FPGA
SPI Master Programming—In-Application Programming (IAP)
• Auto update feature—the system controller on power-up checks for a new bitstream in an external SPI flash and
programs the FPGA.
• Auto programming feature—on a blank device, the system controller on power-up checks for a bitstream in an
external SPI flash and programs the FPGA.
• Programming recovery feature—if remote programming fails due to a power interruption, the system controller
reprograms the FPGA on the next power-up cycle from a golden bitstream (located in an external SPI flash).
System Controller
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com