Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFCT85M3JB0X05 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # SAFCT85M3JB0X05
Description  Filters for Communication Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SAFCT85M3JB0X05 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  SAFCT85M3JB0X05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7
301
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications
before ordering. Especially, please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specifications in the website (http://search.murata.co.jp/) before to require our product specifications or to transact the approval sheet for product specifications.
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFCC110MCA1T00
110.0
±1.023 min.
3.7 max.
(at min. loss point)
0.6
480ohm//-1.6
µH (Input)
650ohm//-1.6
µH (Output)
SAFCC183MCA1T00
183.6
±1.023 min.
6.5 max.
(at min. loss point)
1.5
(fo
±1.023MHz)
325ohm//-0.8pF (Input)
325ohm//-0.8pF (Output)
SAFJA35M4WC0Z00R03
35.42
(fn)
1.90 min.
(1dB Bandwidth)
20.5 max.
(at fn)
1.6
(within 34.62 to 36.22MHz)
14.3k ohm//5.1pF (Input)
4.0k ohm//5.1pF (Output)
o GSM
SAFCC225MRA0X00
(1)
(2)
(3)
(4)
(5)
(6)
0.75
±0.20
1.50
±0.20
5-0.75
±0.20
0.75
±0.10
3.0
±0.2
M
(in mm)
Pin
(0.20)
Dot Marking(ø0.5)
Marking :
∗ :
Laser Printing
EIAJ Code
Input
Output
Ground
(2)(3) :
(5)(6) :
Others :
∗
SAFCJ225MRA0X01
(0.7)
7-1.00
±0.13
(8)
(7)
(6)
(4)
(3)
(2)
(1)
(5)
3.8
±0.2
1.9
±0.2
* : EIAJ Code
Pin
(6)(8) : Input
(2)(4) : Output
Others : Ground
(in mm)
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(kHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFCC225MRA0X00
225.000
±80 min.
9.0 max.
(at min. loss point)
1.5
(fo
±80kHz)
1100ohm//-0.42pF (Input)
900ohm//-0.30pF (Output)
SAFCC282MRA0X01
282.000
±80 min.
9.0 max.
(at min. loss point)
1.5
(fo
±80kHz)
1000ohm//-0.34pF (Input)
860ohm//-0.34pF (Output)
SAFCJ225MRA0X01
225.000
±80 min.
9.0 max.
(at min. loss point)
1.5
(fo
±80kHz)
700ohm//-1.3pF (Input)
760ohm//-1.1pF (Output)
SAFCJ236MRA6X01
236.600
±80 min.
8.0 max.
(at min. loss point)
1.5
(fo
±80kHz)
1.1k ohm//-0.45pF (Input)
1.1k ohm//-0.45pF (Output)
SAFCJ241MRA0X01
241.000
±80 min.
10.0 max.
(at min. loss point)
1.5
(fo
±80kHz)
850ohm//-0.5pF (Input)
900ohm//-0.5pF (Output)
SAFCJ246MRA0X02
246.000
±80 min.
6.0 max.
(at min. loss point)
1.5
(fo
±80kHz)
1000ohm//-0.7pF (Input)
1200ohm//-0.7pF (Output)
o PHS
SAFCC243MRB9X00
(1)
(2)
(3)
(4)
(5)
(6)
0.75
±0.20
1.50
±0.20
5-0.75
±0.20
0.75
±0.10
3.0
±0.2
M
(0.20)
Dot Marking(ø0.5)
Marking :
∗ :
Laser Printing
EIAJ Code
(in mm)
Pin
Input
Output
Ground
(3) :
(6) :
Others :
∗
Filters for Communication Equipment
03.12.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com