Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFCT85M3JB0X05 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

Part # SAFCT85M3JB0X05
Description  Filters for Communication Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SAFCT85M3JB0X05 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  SAFCT85M3JB0X05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
303
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications
before ordering. Especially, please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specifications in the website (http://search.murata.co.jp/) before to require our product specifications or to transact the approval sheet for product specifications.
o 5G W-LAN
SAFCD450MCL0N00
(5)
(4)
(6)
(7)
(8)
6-0.75
±0.20
4-1.50
±0.20
3.0
±0.2
M
(0.20)
Dot Marking(ø0.5)
Marking :
∗ :
Laser Printing
EIAJ Code
(in mm)
Pin
Input
Input (Ground)
Output
Output (Ground)
Ground
(3) :
(1) :
(7) :
(5) :
Others :
∗
(1)
(2)
(3)
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFCD450MCL0N00
450
±8.2 min.
4.5 max.
(at min. loss point)
1.5
(fo
±8.2MHz)
200ohm//150nH (Input)
200ohm//150nH (Output)
SAFCD570MCL0N00
570
±8.5 min.
(2dB Bandwidth)
7.0 max.
(
±8.5MHz)
2.0
(fo
±8.5MHz)
200ohm//100nH (Input)
200ohm//100nH (Output)
Filters for Communication Equipment
03.12.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com