Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFCT85M3JB0X05 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # SAFCT85M3JB0X05
Description  Filters for Communication Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SAFCT85M3JB0X05 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  SAFCT85M3JB0X05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Filters for Communication Equipment
7
302
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications
before ordering. Especially, please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specifications in the website (http://search.murata.co.jp/) before to require our product specifications or to transact the approval sheet for product specifications.
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(kHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFCC243MRB9X00
243.950
±130 min.
4.5 max.
(at min. loss point)
1.0
(fo
±100kHz)
760ohm//-1.0pF (Input)
760ohm//-0.8pF (Output)
o W-CDMA
SAFSD570MCM0T00
(in mm)
Pin
Input
Input
(or Ground)
Output
Output
(or Ground)
Ground
(1) :
(3) :
(4) :
(6) :
Others :
Dot Marking(ø0.4)
R2-0.12
(0.25)
(3)
(2)
(1)
(4)
(5)
(6)
(0.40)
(C0.3)
M
2.5
±0.2
4-1.25
±0.15
6-0.50
±0.15
4-0.50
± 0.10
Marking :
∗ :
Laser Printing
EIAJ Code
∗
R4-0.15
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFSD570MCM0T00
570
±2.5 min.
3.5 max.
(at fo point)
0.8
(fo
±1.92MHz)
310ohm//120nH (Input)
310ohm//120nH (Output)
o Wireless LAN
SAFJA43M0WC0Z00R03
(1) Ground
(2) Ground
(3) Output
(4) Output
(5) Ground
(6) Input
: Electrode
1.0
±0.1
2.3
±0.1
9.6
±0.2
2.5
±0.1
2.5
±0.1
2.3
±0.1
(1)
0.6
±0.2
(2)
(3)
(6)
(6)
(5)
(4)
(1)
(2)
(3)
(5)
(4)
5.1
±0.2
(1)
(2)
(3)
(6)
(5)
(4)
(in mm)
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFJA43M0WC0Z00R03
43.00
±0.1MHz
(fo)
1.25 min.
21.0 max.
(at fo point)
-
-
03.12.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com