Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFCT85M3JB0X05 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # SAFCT85M3JB0X05
Description  Filters for Communication Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SAFCT85M3JB0X05 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  SAFCT85M3JB0X05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SAFCT85M3JB0X05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Filters for Communication Equipment
7
300
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications
before ordering. Especially, please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specifications in the website (http://search.murata.co.jp/) before to require our product specifications or to transact the approval sheet for product specifications.
for IF
SAW Filters
o AMPS/ADC
SAFCG130MCA0T00
(0.20)
1.9
±0.2
7-1.00
±0.13
3.8
±0.2
Dot Marking(ø0.2)
(8)
(1)
(5)
(7)
(6)
(2)
(3)
(4)
M
Laser Printing
EIAJ Code
Marking :
∗ :
(in mm)
Pin
Input
Input (Ground)
Output
Output (Ground)
Ground
(8) :
(6) :
(4) :
(2) :
Others :
∗
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(kHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFCG130MCA0T00
130.380
±630 min.
5.5 max.
(at fo point)
-
310ohm//1.6
µH (Input)
310ohm//1.6
µH (Output)
SAFCT85M3JB0X05
85.380
±12 min.
5.5 max.
(at min. loss point)
1.5
(fo
±12kHz)
870ohm//-1.8pF (Input)
870ohm//-1.8pF (Output)
o ETCS
SAFJA40M0WQAZ00R10
(1) Ground
(2) Ground
(3) Output
(4) Output
(5) Ground
(6) Input
: Electrode
1.0
±0.1
2.3
±0.1
9.6
±0.2
2.5
±0.1
2.5
±0.1
2.3
±0.1
(1)
0.6
±0.2
(2)
(3)
(6)
(6)
(5)
(4)
(1)
(2)
(3)
(5)
(4)
5.1
±0.2
(1)
(2)
(3)
(6)
(5)
(4)
(in mm)
Part Number
Center
Frequency
(MHz)
3dB Bandwidth
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
Input/Output
Impedance
SAFJA40M0WQAZ00R10
40.000
±2.5 min.
21.5 max.
(at min. loss point)
-
-
o GPS
SAFCC110MCA1T00
(1)
(2)
(3)
(4)
(5)
(6)
0.75
±0.20
1.50
±0.20
5-0.75
±0.20
0.75
±0.10
3.0
±0.2
M
(in mm)
Pin
(0.20)
Dot Marking(ø0.5)
Marking :
∗ :
Laser Printing
EIAJ Code
Input
Input
(or Ground)
Output
Output
(or Ground)
Ground
(3) :
(2) :
(6) :
(5) :
Others :
∗
SAFJA35M4WC0Z00R03
2.3
±0.1
2.55
±0.1
1.5
±0.1
2.0 max.
: Electrode
1.0
±0.1 0.6±0.2
2.3
±0.1
(6)
(5)
(4)
(6)
(5)
(4)
(1)
(2)
(3)
(1)
(2)
(3)
2.5
±0.1
2.5
±0.1
9.6
±0.2
35.42C
(1) Input or Ground
(2) Ground
(3) Output
(4) Output or Ground
(5) Ground
(6) Input
M
∗
5.1
±0.2
(in mm)
03.12.9


Similar Part No. - SAFCT85M3JB0X05

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAFC105M50R501 SHARMA-SAFC105M50R501 Datasheet
446Kb / 2P
Tantalum Capacitors
SAFC106M16R501 SHARMA-SAFC106M16R501 Datasheet
446Kb / 2P
Tantalum Capacitors
logo
Murata Manufacturing Co...
SAFC130.000MA1G0X MURATA-SAFC130.000MA1G0X Datasheet
150Kb / 5P
CERAMIC MICROWAVE FILTERS SAW FILTERS
SAFC130.4MSC10T MURATA-SAFC130.4MSC10T Datasheet
150Kb / 5P
CERAMIC MICROWAVE FILTERS SAW FILTERS
SAFC139MC70N MURATA-SAFC139MC70N Datasheet
150Kb / 5P
CERAMIC MICROWAVE FILTERS SAW FILTERS
More results

Similar Description - SAFCT85M3JB0X05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
Filters for Communication Equipment
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
Filters for Communication Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
Filters for Communication Equipment
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
Filters for Communication Equipment
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
Filters for Communication Equipment
06.12.25
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
Filters for Communication Equipment
10.12.17
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
Filters for Communication Equipment
06.12.25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com