Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9727 Datasheet(PDF) 24 Page - 3M Electronics

Part # 9727
Description  Scotch-Weld™ Hot Melt Applicator PG II LT Owner’s Manual
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9727 Datasheet(HTML) 24 Page - 3M Electronics

Back Button 9727 Datasheet HTML 18Page - 3M Electronics 9727 Datasheet HTML 19Page - 3M Electronics 9727 Datasheet HTML 20Page - 3M Electronics 9727 Datasheet HTML 21Page - 3M Electronics 9727 Datasheet HTML 22Page - 3M Electronics 9727 Datasheet HTML 23Page - 3M Electronics 9727 Datasheet HTML 24Page - 3M Electronics 9727 Datasheet HTML 25Page - 3M Electronics 9727 Datasheet HTML 26Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
© 3M 2006
22
Flow Control
Flow control of adhesive with your new 3M™ Scotch-
Weld ™ Hot Melt Applicator PG II LT is easy. Any
operator familiar with the control devices should be
able to adjust the applicator for desired flow. To adjust
adhesive flow, a combination of these control methods
can be used.
The four control devices are:
1. Speed of 3M Scotch-Weld Hot Melt Applicator PG
II LT movement.
2. The trigger.
3. The applicator tip.
4. Air pressure.
The trigger of the applicator is uniquely designed to
allow for variable adhesive control. By pulling the
trigger slowly to the rear, you can observe the start of
adhesive flow. As you continue to pull the trigger
rearward, increasing amounts of adhesive are
dispensed.
Your 3M Scotch-Weld Hot Melt Applicator PG II LT is
equipped with a 9921 (.093’’) tip as a standard
equipment. This tip will provide maximum flow for all
3M™ Scotch-Weld™ Hot Melt LM Adhesives. The
brass extension tip (9946) will allow for maximum
control of all the 3M Scotch-Weld Hot Melt LM
Adhesives and substantially reduce initial surge. This is
accomplished at a decrease in flow rate. Speed of
movement is the preferred means to control flow. In the
event that this is inappropriate for your operation,
additional accessory tips are available.
Note
DO NOT REDUCE AIR PRESSURE BELOW 40
PSI. If low adhesive flow occurs when operating at
reduced air pressure, return to maximum (80 psi) and
run at least one cartridge of adhesive through the
applicator and then return to the lower pressure.
Tip No.
Description
9913
2 Hole Spreader
9916
3 Hole Spreader
9917
3 Hole 1’’ Spreader
9921
.093’’ Fluted
9922
.063’’ Fluted
9726
“T” Tip P/G II
9940
.125’’ Fluted Tip
9946
.072’’ Brass Extension
9727
“L” Tip P/G II
3M Scotch-Weld Hot Melt
Applicator PG II LT Tips
9726 “T” tip for RSC carton closing and other uses.
9727 “L” tip for FOL carton closing and other uses.
9945 heavy-duty bench stand holds 3M Scotch-Weld
Hot Melt Applicator PG II LT in proper position
when the applicator is not is use.
9726 Tip
9727 Tip
9945 Stand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com