Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9727 Datasheet(PDF) 13 Page - 3M Electronics

Part # 9727
Description  Scotch-Weld™ Hot Melt Applicator PG II LT Owner’s Manual
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9727 Datasheet(HTML) 13 Page - 3M Electronics

Back Button 9727 Datasheet HTML 9Page - 3M Electronics 9727 Datasheet HTML 10Page - 3M Electronics 9727 Datasheet HTML 11Page - 3M Electronics 9727 Datasheet HTML 12Page - 3M Electronics 9727 Datasheet HTML 13Page - 3M Electronics 9727 Datasheet HTML 14Page - 3M Electronics 9727 Datasheet HTML 15Page - 3M Electronics 9727 Datasheet HTML 16Page - 3M Electronics 9727 Datasheet HTML 17Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
# of
Items/
Kit #
Repair Part Kit
Kit
9200
Trigger Kit
a. Trigger Pin
1
b. Trigger Assembly
1
9932
Heat Shield Kit
a. Heat Shield
1
9204
Regulator Kit
a. Regulator Assembly
1
9220
Regulator Hose
Sub-Assembly Kit
a. Hose Assembly
1
9207
Power Cord Kit
a. Power Cord Assembly
1
b. Cable Ties
5
9931
Thermostat/TCO Kit
a. Thermal Cutout Assembly
1
b. Machine Screw Large
1
c. Machine Screw Small
2
d. Thermostat Sub-Assembly
1
# of
Items/
Kit #
Repair Part Kit
Kit
9221
Handle Kit
a. Right Handle Sub-Assembly 1
b. Left- Handle Sub-Assembly 1
c. Machine Screw
4
d. Machine Screw
3
9219
Switch Kit
a. Switch Sub-Assembly
1
9220
Hose Kit, Main
a. Hose Sub-Assembly
1
b. Cable Ties
5
9220
Hose Kit
a. Hose
1
b. Elbow
1
c. Swivel Filter
1
d. Cable Ties
5
9222
Heater Kit
a. 125 W Heater
4
b. Machine Screw
8
c. Cable Tie
1
9223
Valve Kit
a. Nozzle Tip
1
b. Valve Assembly
1
# of
Items/
Kit #
Repair Part Kit
Kit
9224
Miscellaneous Parts Kit
a. Heat Shield Screw, Top
1
b. Heat Shield Screw, Side
2
c. Heat Shield Screw
4
d. Shim
2
e. Electrical Connector Screw 9
f. Connector Strip
2
g. Handle Screw
4
h. Regulator Screw
3
i. Ground Wire Screw
2
j. Hinge Pin
3
k. Bail Screw
2
l. Lock Washer for Bail
2
m. Bail
2
9226
Dump Valve
a. Valve
1
9260
Speedloader Hose Assembly
a. Hose Assembly
1
9936
Scotch-Weld SL Magazine
Extension Kit
a. Magazine Extension
1
9935
Speedloader Assembly
a. Speedloader
1
b. Hose
1
c. Pin
1
d. Bail
1
© 3M 2006
11
Troubleshooting
For ease and convenience in repair, 3M™ Scotch-
Weld™ Hot Melt Applicator PG II LT repair part kits
are available from your authorized 3M Scotch-Weld
Adhesive distributor. When ordering part kits,
provide the name and number of the repair part kit.
Part kits can also be ordered directly from the nearest
3M Sales Branch listed on the back cover.
Repair Parts Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com