Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9727 Datasheet(PDF) 16 Page - 3M Electronics

Part # 9727
Description  Scotch-Weld??Hot Melt Applicator PG II LT Owner?셲 Manual
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9727 Datasheet(HTML) 16 Page - 3M Electronics

Back Button 9727 Datasheet HTML 12Page - 3M Electronics 9727 Datasheet HTML 13Page - 3M Electronics 9727 Datasheet HTML 14Page - 3M Electronics 9727 Datasheet HTML 15Page - 3M Electronics 9727 Datasheet HTML 16Page - 3M Electronics 9727 Datasheet HTML 17Page - 3M Electronics 9727 Datasheet HTML 18Page - 3M Electronics 9727 Datasheet HTML 19Page - 3M Electronics 9727 Datasheet HTML 20Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
© 3M 2006
14
Repair Procedures
First follow “Handle Disassembly Instructions,”
Procedure A on page 13. Then remove the two large
Phillips head screws to the rear of the wire terminals on
the right hand side of the handle. This allows the
regulator assembly to swing free, connected only by
the hose going from the brass rear of the regulator to
the loading chamber assembly, and then main hose
assembly. Remove the main hose by unscrewing the
elbow fitting from the regulator. Use a 5/16’’ wrench
to remove the loading chamber hose from the regulator.
Reassemble with a new regulator using reverse
procedure. Be sure hose fittings are quite snug. Check
for air leaks by activating the regulator. Once this is
done, reassemble the handle and heat shield.
B. Regulator Kit
Caution
Disconnect air and electrical power and make sure
applicator is at room temperature before servicing
3M™ Scotch-Weld™ Hot Melt Applicator PG II LT.
Failure to disconnect air and electrical power before
servicing may cause electrical shock or damage to the
applicator.
!
Caution
Contact with molten adhesive or hot applicator tip or
metal components may cause burns. Wear heat-
resistant gloves and safety glasses when operating or
repairing the 3M Scotch-Weld Hot Melt Applicator
PG II LT.
!
C. Valve Kit
3M Scotch-Weld Hot Melt Applicator PG II LT
must be warm prior to repairing nozzle valve.
Nozzle valve assembly consists of the nozzle tip and
the nozzle valve. Remove the old valve assembly using
a 5/8’’ open-end wrench. Replace with new assembly.
Gently snug up the valve assembly. With a 1/2’’
wrench, also snug up the new tip.
D. Hose Kit
Follow “Handle Disassembly Instructions,” Procedure
A on page 13. Remove the main hose by unscrewing
the elbow fitting from the air regulator. Cut the cable
ties holding the power cord and hose assembly
together. Remove the hose and reconnect the new hose
using reverse procedure. Add new cable ties to the hose
and power cord.
Caution
Disconnect air and electrical power and make sure
applicator is at room temperature before servicing 3M
Scotch-Weld Hot Melt Applicator PG II LT. Failure to
disconnect air and electrical power before servicing
may cause electrical shock or damage to the
applicator.
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com