Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9727 Datasheet(PDF) 5 Page - 3M Electronics

Part # 9727
Description  Scotch-Weld™ Hot Melt Applicator PG II LT Owner’s Manual
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9727 Datasheet(HTML) 5 Page - 3M Electronics

  9727 Datasheet HTML 1Page - 3M Electronics 9727 Datasheet HTML 2Page - 3M Electronics 9727 Datasheet HTML 3Page - 3M Electronics 9727 Datasheet HTML 4Page - 3M Electronics 9727 Datasheet HTML 5Page - 3M Electronics 9727 Datasheet HTML 6Page - 3M Electronics 9727 Datasheet HTML 7Page - 3M Electronics 9727 Datasheet HTML 8Page - 3M Electronics 9727 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Setup and Installation
© 3M 2006
3
1. Remove the 3M™
Scotch-Weld™ Hot Melt
Applicator PG II LT from its
shipper and inspect for obvious
damage.
2. Connect Air and Electrical
Service
Select a work station where 120 VAC grounded
receptacle and compressed air service are
available.
Grounding Instructions
The 3M Scotch-Weld Hot Melt Applicator PG II LT
must be grounded. If it should malfunction or break
down, grounding provides a path of least resistance
for electric current to help reduce the risk of
electrical shock. This applicator is equipped with a
cord having an equipment-grounding conductor and
grouding plug. This plug must be used with
appropriate outles that are properly installed and
grounded in accordance with all local codes and
ordinances.
The 3M Scotch-Weld Hot Melt Applicator PG II LT
is designed for use on a nominal 120-volt circuit and
has a grounding plug as shown in illustration above.
Make sure the applicator is connected to an outlet
having the same configuration as the plug. No
adaptor should be used.
Danger
Do not modify the plug provided with the 3M
Scotch-Weld Hot Melt Applicator PG II LT.
Improper grounding connection of the plug may
cause electrical shock. Check with a qualified
electrician or service person to determine whether
the plug is properly grounded.
Electrical outlet should be as close to air supply
as possible. Filtered air regulated to 80 psi
maximum is vital to optimum operation.
Important
Do not connect 3M Scotch-Weld Hot Melt
Applicator PG II LT to air supply with air
pressure greater than 80 psi. Damage to the
applicator may result.
Refer to step 3 on page 4 for air filter and
regulator installation procedure.
Connect air hose using two 1/2’’ open-end
wrenches. Remove the steel swivel portion of the
connector and insert the steel swivel into 1/8’’
female pipe thread air source. Insert and tighten
the brass fitting into the swivel and snug up all
fittings.
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com