Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 22Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 23Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 24Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 25Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 26Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 27Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 28Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Revision 1.0
Page 26 of 44
nRF24AP2-USB Product Specification
Use the Set_Descriptor_String(0xC7) command to configure USB descriptor strings. This command is an
extension to the ANT command interface and is sent in the same manner as the other ANT serial com-
mands. The descriptor strings can be set up to three times. See the document ANT Message Protocol and
Usage for further details on the command library.
Note: Do not remove power supply while updating the VID, PID or USB descriptors.
5.3.6
Control transfer
Control transfers are used for all commands and queries during the USB device enumeration process.
The nRF24AP2-USB allows a maximum data packet size of 32 bytes for the control transfers. All control
transfers can have up to three stages, and are handled automatically by the nRF24AP2-USB.
5.3.6.1
Control write transfer
Figure 13. Setup stage
The setup stage starts with a SETUP token packet, followed by a DATA packet detailing the type of
request. Finally an ACK handshake packet is sent back by the nRF24AP2-USB if the setup data has been
received correctly, otherwise nothing is sent back.
Figure 14. Data stage (optional)
When the request indicates that the host wants to send control data, the data stage will be made up of one
or more OUT transfers. Each OUT transfer will start with an OUT token packet followed by a DATA packet.
The nRF24AP2-USB will reply with an ACK handshake packet if everything was received correctly. A NAK
will be returned if the previous packet from the host is still being processed. If any part of the token or data
packet was corrupted or missing, nothing will be sent back. A STALL will be returned if the token and data
were received but another error occurred.
ACK
SETUP
nRF24AP2-USB
Host
DATA0
ACK
OUT
DATAx
STALL
(error)
NAK
(not ready)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com