Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 15Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 16Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Revision 1.0
Page 13 of 44
nRF24AP2-USB Product Specification
4
ANT overview
The ANT protocol has been engineered for simplicity and efficiency. In operation, this results in ultra-low
power consumption, maximized battery life, a minimal burden on system resources, simpler network
designs and lower implementation costs.
4.1
Block diagram
Figure 5. OSI layer model of ANT protocol stack
ANT provides carefree handling of the Physical, Data Link, Network, and Transport OSI layers. Please
see Figure 5. on page 13. In addition, it incorporates key, low-level security features that form the founda-
tion for user-defined, sophisticated, network-security implementations. ANT ensures adequate user control
while considerably easing the computational burden, by providing a simple yet effective wireless network-
ing solution.
4.2
Functional description
A brief overview of the ANT concept is presented here for convenience. A complete description of the ANT
protocol is found in the document ANT Message Protocol and Usage available at www.nordicsemi.com or
www.thisisant.com.
Application/Presentation layers
Higher level security
Network/Transport & low level security
Data link layer
Physical layer
User defined
Implemented by ANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com