Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 17Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 18Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 19Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 20Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 21Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 22Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 23Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 24Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Revision 1.0
Page 21 of 44
nRF24AP2-USB Product Specification
5
Host interface
The nRF24AP2-USB has a USB v2.0 compliant host interface. This enables direct connection from the
nRF24AP2-USB to a computer or hubs in other USB enabled equipment. Together with the command
libraries and USB drivers available from ANT the nRF24AP2-USB enables ANT connectivity for
applications in computers and other advanced hosts.
5.1
Features
USB serial interface of nRF24AP2-USB:
•
Serial interface engine:
USB v2.0 compliant
On-chip pull-up resistor on D+
•
Two control endpoints and two bulk endpoints
•
Suspend and resume power management functions
•
USB drivers and ANT command libraries supported by ANT
The following USB features are necessary to declare when your product undergoes USB compliance
testing:
•
Full speed peripheral
•
Microcontroller with USB drivers on same chip
•
Bus powered
•
No remote wakeup
5.2
Block diagram
Figure 11. shows a USB block with external signals VBUS, D+,D-,GND, on-chip pull up resistor on D+ on
one side and connection to the RF transceiver on the other.
Note: The serial resistors on VBUS, D+ and D- are for ESD protection and USB v2.0 compliance
Figure 11. USB block connected to ANT engine
5.3
Functional description
When the nRF24AP2-USB is plugged into a USB the first thing that needs to take place is for the
nRF24AP2-USB to identify itself for the USB hub. This process is called enumeration and is handled auto-
matically by the nRF24AP2-USB. Once the device is enumerated, applications on the host can access the
nRF24AP2-USB using ANT command libraries.
nRF24AP2-USB
Computer
Matching
network
Crystal
D+
D-
GND
VBUS
Antenna
Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com