Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 18Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 19Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 20Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 21Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 22Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 23Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 24Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 25Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Revision 1.0
Page 22 of 44
nRF24AP2-USB Product Specification
This section outlines the enumeration process, user configurable USB parameters, and message
exchanges that take place on the nRF24AP2-USB host interface.
5.3.1
Physical USB connection
The physical connection between nRF24AP2-USB and the host must follow the USB standard v2.0 (for
instance, use USB approved connectors) in order for your nRF24AP2-USB based application to go
through USB compliance testing.
5.3.2
USB enumeration
The USB enumeration process is handled by the nRF24AP2-USB. During the enumeration the host reads
out the USB descriptors and strings to determine which device has been connected to the bus. After the
host has received the parameters it will then assign the device an address and allowing it to transfer data
on the bus.
A typical enumeration process consists of the following steps:
1.
The host detects a new device on the bus via the pull up resistor on D+.
2.
The host issues a reset to place the nRF24AP2-USB to the default state. This will enable the
device to respond to the default address zero requests.
3.
The host requests the Device Descriptor on address 0.
4.
The host issues another bus reset.
5.
The host issues a set address command, placing the nRF24AP2-USB in an addressed state.
6.
The host requests the Device Descriptor again.
7.
The host requests the Configuration, Interface and Endpoint Descriptors.
8.
The host requests the String Descriptors.
After the enumeration process the nRF24AP2-USB can transfer ANT messages on the bus. A complete
summary of ANT messages supported are listed in Table 4. on page 20.
5.3.3
USB descriptors
The nRF24AP2-USB has a set of USB descriptors which describe to the host information about manufac-
turer, product, USB version, the number of endpoints and their types.
Figure 12. Organization of USB descriptors
Device Descriptor
Configuration Descriptor
Interface Descriptor
Endpoint
Descriptor 1 IN
Endpoint
Descriptor 1 OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com