Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSPIN820 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 15Page - STMicroelectronics STSPIN820 Datasheet HTML 16Page - STMicroelectronics STSPIN820 Datasheet HTML 17Page - STMicroelectronics STSPIN820 Datasheet HTML 18Page - STMicroelectronics STSPIN820 Datasheet HTML 19Page - STMicroelectronics STSPIN820 Datasheet HTML 20Page - STMicroelectronics STSPIN820 Datasheet HTML 21Page - STMicroelectronics STSPIN820 Datasheet HTML 22Page - STMicroelectronics STSPIN820 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID031065 Rev 2
19/29
STSPIN820
Functional description
29
5.4
Overcurrent and short-circuit protections
The device embeds circuitry protecting each power output against the overload and short-
circuit conditions (short-circuit to ground, short-circuit to VS and short-circuit between
outputs).
When the overcurrent or the short-circuit protection is triggered the power stage is disabled
and the EN\FAULT input is forced low through the integrated open-drain MOSFET
discharging the external CEN capacitor (refer to Figure 8).
The power stage is kept disabled and the open-drain MOSFET is kept ON until the
EN\FAULT input falls below the VRELEASE threshold, then the CEN capacitor is charged
through the external REN resistor.
Figure 8. Overcurrent and short-circuit protections management
The total disable time after an overcurrent event can be set sizing properly the external
network connected to the EN\FAULT pin (refer to Figure 9).
Equation 2
tDIS = tdischarge + tcharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com