Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSPIN820 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 13Page - STMicroelectronics STSPIN820 Datasheet HTML 14Page - STMicroelectronics STSPIN820 Datasheet HTML 15Page - STMicroelectronics STSPIN820 Datasheet HTML 16Page - STMicroelectronics STSPIN820 Datasheet HTML 17Page - STMicroelectronics STSPIN820 Datasheet HTML 18Page - STMicroelectronics STSPIN820 Datasheet HTML 19Page - STMicroelectronics STSPIN820 Datasheet HTML 20Page - STMicroelectronics STSPIN820 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DocID031065 Rev 2
17/29
STSPIN820
Functional description
29
The choice of the sense resistors value must take into account two main issues:
The sensing resistor dissipates energy and provides dangerous negative voltages on
the SENSE pins during the current recirculation. For this reason the resistance of this
component should be kept low (using multiple resistors in parallel will help obtaining
the required power rating with standard resistors).
The lower is the RSNS value, the higher is the peak current error due to noise on the
VREF pin and to the input offset of the current sense comparator: too small values of
RSNS must be avoided.
Figure 5. PWM current control sequence in mixed decay (DECAY = '0')
Note:
When the voltage on the SNS pins exceeds the absolute ratings, fault condition is triggered
and the EN\FAULT output is forced low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com