Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSPIN820 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 8Page - STMicroelectronics STSPIN820 Datasheet HTML 9Page - STMicroelectronics STSPIN820 Datasheet HTML 10Page - STMicroelectronics STSPIN820 Datasheet HTML 11Page - STMicroelectronics STSPIN820 Datasheet HTML 12Page - STMicroelectronics STSPIN820 Datasheet HTML 13Page - STMicroelectronics STSPIN820 Datasheet HTML 14Page - STMicroelectronics STSPIN820 Datasheet HTML 15Page - STMicroelectronics STSPIN820 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Functional description
STSPIN820
12/29
DocID031065 Rev 2
5
Functional description
The STSPIN820 is a stepper motor driver integrating a microstepping sequencer (up to
1/256th step), two PWM current controllers and a power stage composed by two fully-
protected full-bridges.
5.1
Power supply and standby
The device is supplied through the VS pins, the two pins must be at the same voltage.
At power-up the power stage is disabled and the FAULT pin is forced low until the VS
voltage rises above the VSth(ON) threshold.
If the VS falls below the VSth(ON) - VSth(HYST) value the power stage is immediately disabled
and the FAULT pins are forced low.
Figure 3. UVLO protection management
The device provides a low consumption mode which is set forcing the STBY\RESET input
below the VSTBYL threshold.
When the device is in standby status the power stage is disabled (outputs are in high
impedance) and the supply to the integrated control circuitry is strongly reduced. When the
device exits the standby status, all of the control circuitry is reset at power-up condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com