| Electronic Components Datasheet Search |
|
STSPIN820 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN820 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() Functional description STSPIN820 16/29 DocID031065 Rev 2 5.3 PWM current control The device implements two independent PWM current controllers, one for each full-bridge. The voltage of the sense pins (VSNSA and VSNSB) is compared to the respective internal reference voltage based on the sequencer value (seeTable 8 and Table 9). When VSNSX > VREFX the integrated comparator is triggered, the OFF time counter is started and the decay sequence is performed. The decay sequence starts turning on both the low sides of the full-bridge (slow decay), after the behavior of the PWM current control depends on the DECAY input: When the DECAY input is low (mixed decay): the system switches from slow decay to quasi-synchronous fast decay (the sinking side of the bridge is put in high impedance) when the counter reaches a fixed threshold corresponding to a 5/8th of the total decay time (tOFF). As soon as the counter reaches the end of the count it is reset and the bridges return in the ON state. When the DECAY input is high (slow decay only): the system stays in slow decay until the counter reaches the end of the count, then it is reset and the bridges returns in the ON state. The description of the ON, slow decay and fast decay status are listed in Table 11. The reference voltage value, VREF, has to be selected according to the load current target value (peak value) and the sense resistors value. Equation 1 VREF = RSNS · ILOAD,peak Table 11. ON, slow decay and fast decay states Current direction(1) 1. The current direction is set according to Table 8 or Table 9. ON Slow decay Fast decay (quasi-synch.) Zero (power bridge disabled) HSX1 = OFF LSX1 = OFF HSX2 = OFF LSX2 = OFF HSX1 = OFF LSX1 = OFF HSX2 = OFF LSX2 = OFF HSX1 = OFF LSX1 = OFF HSX2 = OFF LSX2 = OFF X1 → X2 HSX1 = ON LSX1 = OFF HSX2 = OFF LSX2 = ON HSX1 = OFF LSX1 = ON HSX2 = OFF LSX2 = ON HSX1 = OFF LSX1 = ON HSX2 = OFF LSX2 = OFF X1 ← X2 HSX1 = OFF LSX1 = ON HSX2 = ON LSX2 = OFF HSX1 = OFF LSX1 = ON HSX2 = OFF LSX2 = ON HSX1 = OFF LSX1 = OFF HSX2 = OFF LSX2 = ON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |