Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ604. Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ604.
Description  P-Channel 60 V (D-S) 175 째C MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ604. Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  2SJ604. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
VDS - Drain-to-Source Voltage (V)
3 V
0
10
20
30
40
50
60
70
80
0
1234
5
VGS = 10 V thru 4 V
0
20
40
60
80
100
0
102030
405060
VGS - Gate-to-Source Voltage (V)
TC = - 55 °C
25 °C
125 °C
VDS - Drain-to-Source Voltage (V)
Crss
0
1000
2000
3000
4000
5000
6000
0
102030
405060
Ciss
Coss
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS - Gate-to-Source Voltage (V)
25 ° C
- 55 °C
TC = 125 ° C
ID - Drain Current (A)
0
0.01
0.02
0.03
0.04
0.05
0
16324864
80
VGS =10V
VGS =4.5 V
Qg - Total Gate Charge (nC)
0
2
4
6
8
10
0
1020
304050
6070
8090
100
ID = 14.4 A
VDS = 30 V
3
2SJ604.
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com