Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ604. Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ604.
Description  P-Channel 60 V (D-S) 175 째C MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ604. Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  2SJ604. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P-Channel 60 V (D-S) 175 °C MOSFET
FEATURES
•TrenchFET® Power MOSFET
• Package with Low Thermal Resistance
•100 % Rg and UIS Tested
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
PRODUCT SUMMARY
VDS (V)
- 60
RDS(on) () at VGS = - 10 V
0.0155
RDS(on) () at VGS = - 4.5 V
0.0200
ID (A)
- 50
Configuration
Single
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
- 50
A
TC = 125 °C
- 38
Continuous Source Current (Diode Conduction)a
IS
- 50
Pulsed Drain Currentb
IDM
- 200
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 52
Single Pulse Avalanche Energy
EAS
135
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
136
W
TC = 125 °C
45
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
50
°C/W
Junction-to-Case (Drain)
RthJC
1.1
TO-251
S
GD
Top View
Drain Connected to
Drain-Tab
1
2SJ604.
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052


Similar Part No. - 2SJ604.

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ604 NEC-2SJ604 Datasheet
80Kb / 8P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ604 KEXIN-2SJ604 Datasheet
49Kb / 2P
MOS Field Effect Transistor
logo
Renesas Technology Corp
2SJ604 RENESAS-2SJ604 Datasheet
215Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ604-S NEC-2SJ604-S Datasheet
80Kb / 8P
MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ604-S RENESAS-2SJ604-S Datasheet
215Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SJ604.

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBA2658 VBSEMI-VBA2658 Datasheet
707Kb / 9P
P-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SQD50P06-15L VISHAY-SQD50P06-15L_V01 Datasheet
156Kb / 8P
Automotive P-Channel 60 V (D-S) 175 째C MOSFET
20-Aug-12
SUD50P06-15L VISHAY-SUD50P06-15L_V01 Datasheet
252Kb / 8P
P-Channel 60 V (D-S), 175 °C MOSFET
29-Apr-2019
SUM55P06-19L VISHAY-SUM55P06-19L_V01 Datasheet
135Kb / 8P
P-Channel 60 V (D-S) 175 °C MOSFET
24-Dec-12
SUM110P06-07L VISHAY-SUM110P06-07L_V01 Datasheet
181Kb / 8P
P-Channel 60 V (D-S) 175 °C MOSFET
08-Jun-15
SUP90P06-09L VISHAY-SUP90P06-09L_V01 Datasheet
107Kb / 7P
P-Channel 60 V (D-S) 175 °C MOSFET
08-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com