Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ604. Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ604.
Description  P-Channel 60 V (D-S) 175 째C MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ604. Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  2SJ604. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
Source Drain Diode Forward Voltage
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 17 A
0.0
0.3
0.6
0.9
1.2
1.5
VSD - Source-to-Drain Voltage (V)
100
10
1
TJ = 25 °C
TJ = 150 °C
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
TC = 25 °C
Single Pulse
BVDSS Limited
Limited by R
*
DS(on)
ID Limited
IDM Limited
0.01
0.1
1
10
100
0.01
0.1
1
10
100
10 ms, 100 ms, 1 s, 10 s, DC
100 μs
1 ms
4
2SJ604.
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com