Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ604. Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ604.
Description  P-Channel 60 V (D-S) 175 째C MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ604. Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  2SJ604. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ604. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
- 60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
-
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 60 V
-
-
- 1
μA
VGS = 0 V
VDS = - 60 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 60 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 50
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 17 A
-
0.0135
0.0155
VGS = - 10 V
ID = - 50 A, TJ = 125 °C
-
-
0.026
VGS = - 10 V
ID = - 50 A, TJ = 175 °C
-
-
0.032
VGS = - 4.5 V
ID = - 14 A
-
0.017
0.020
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 17 A
-
50
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 25 V, f = 1 MHz
-
4730
5910
pF
Output Capacitance
Coss
-
485
606
Reverse Transfer Capacitance
Crss
-
330
410
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 30 V, ID = - 50 A
-
98
150
nC
Gate-Source Chargec
Qgs
-15
23
Gate-Drain Chargec
Qgd
-21
32
Gate Resistance
Rg
f = 1 MHz
1.47
2.9
4.42
Turn-On Delay Timec
td(on)
VDD = - 30 V, RL = 0.6 
ID  - 50 A, VGEN = - 10 V, Rg = 6.0 
-15
18
ns
Rise Timec
tr
-12
16
Turn-Off Delay Timec
td(off)
-
112
125
Fall Timec
tf
-39
48
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
- 200
A
Forward Voltage
VSD
IF = - 50 A, VGS = 0 V
-
- 0.8
- 1.5
V
2
2SJ604.
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com