Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WP064A-RLLA2 Datasheet(PDF) 60 Page - Integrated Silicon Solution, Inc

Part # IS25WP064A-RLLA2
Description  1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP064A-RLLA2 Datasheet(HTML) 60 Page - Integrated Silicon Solution, Inc

Back Button IS25WP064A-RLLA2 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 64Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 111 page
background image
IS25WP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
60
Rev. 00D
03/01/2016
8.22 ENTER DEEP POWER DOWN (DP, B9h)
The Deep Power-down (DP) instruction is for setting the device on the minimizing the power consumption (enter
into Power-down mode). During this mode, standby current is reduced from Isb1 to Isb2. While in the Power-down
mode, the device is not active and all Write/Program/Erase instructions are ignored. The instruction is initiated by
driving the CE# pin low and shifting the instruction code into the device. The CE# pin must be driven high after
the instruction has been latched, or Power-down mode will not engage. Once CE# pin driven high, the Power-
down mode will be entered within the time duration of tDP. While in the Power-down mode only the Release from
Power-down/RDID instruction, which restores the device to normal operation, will be recognized. All other
instructions are ignored, including the Read Status Register instruction which is always available during normal
operation. Ignoring all but one instruction makes the Power Down state a useful condition for securing maximum
write protection. It is available in both SPI and QPI mode.
Figure 8.36 Enter Deep Power Down Mode Sequence In SPI Mode
Instruction = B9h
CE #
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
tDP
SO
High Impedance
Figure 8.37 Enter Deep Power Down Mode Sequence In QPI Mode
B9h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
tDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com