Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WP064A-RLLA2 Datasheet(PDF) 39 Page - Integrated Silicon Solution, Inc

Part # IS25WP064A-RLLA2
Description  1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP064A-RLLA2 Datasheet(HTML) 39 Page - Integrated Silicon Solution, Inc

Back Button IS25WP064A-RLLA2 Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 43Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
IS25WP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
39
Rev. 00D
03/01/2016
8.7 FAST READ QUAD I/O OPERATION (FRQIO, EBh)
The FRQIO instruction allows the address bits to be input four bits at a time. This may allow for code to be
executed directly from the SPI in some applications.
The FRQIO instruction code is followed by three address bytes (A23
– A0) and dummy cycles (configurable,
default is 6 clocks), transmitted via the IO3, IO2, IO1 and IO0 lines, with each group of four bits latched-in during
the rising edge of SCK. The address of MSB inputs on IO3, the next bit on IO2, the next bit on IO1, the next bit on
IO0, and continue to shift in alternating on the four. Depending on the usage of AX read operation mode, a mode
byte may be located after address input.
The first data byte addressed is shifted out on the IO3, IO2, IO1 and IO0 lines, with each group of four bits shifted
out at a maximum frequency fCT, during the falling edge of SCK. The first bit (MSB) is output on IO3, while
simultaneously the second bit is output on IO2, the third bit is output on IO1, etc. Figure 8.8 illustrates the timing
sequence.
The first byte addressed can be at any memory location. The address is automatically incremented after each
byte of data is shifted out. When the highest address is reached, the address counter will roll over to the 000000h
address, allowing the entire memory to be read with a single FRQIO instruction. FRQIO instruction is terminated
by driving CE# high (VIH).
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Two cycles after address input are reserved for Mode bits in FRQIO execution. M7 to M4
are important
for enabling this mode. M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah), it
enables the AX read operation and subsequent FRQIO execution skips command code. It saves cycles as
described in Figure 8.9. When the code is different from AXh (wh
ere X is don’t care), the device exits the AX read
operation. After finishing the read operation, device becomes ready to receive a new command. SPI or QPI mode
configuration retains the prior setting. Mode bit must be applied during dummy cycles. Number of dummy cycles
in Table 6.11 includes number of mode bit cycles. If dummy cycles are configured as 6 cycles, data output will
start right after mode bits and 4 additional dummy cycles are applied.
If the FRQIO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction is
ignored and will not have any effects on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com