Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WP064A-RLLA2 Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS25WP064A-RLLA2
Description  1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP064A-RLLA2 Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS25WP064A-RLLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
IS25WP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
13
Rev. 00D
03/01/2016
Figure 4.2 SPI Mode Support
SCK
SO
SI
Mode 0 (0,0)
Mode 3 (1,1)
MSB
MSB
SCK
Figure 4.3 QPI Mode Support
20
CE #
SCK
4
0
4
0
3-byte Address
16
12
8
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
IO0
IO1
21
5
1
5
1
17
13
9
22
6
2
6
2
18
14
10
7
3
3
19
15
11
Mode Bits
IO2
IO3
C4
C0
C1
C5
C2
C6
C3
C7
1
4
0
4
0
5
1
5
1
6
2
6
2
3
3
4
5
6
0
1
2
3
...
...
...
...
Data 1
Data 2
Data 3
23
1
7
1
7
1
7
1
7
1
6
Note1: MSB (Most Significant Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com