Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WP064A-RLLA2 Datasheet(PDF) 98 Page - Integrated Silicon Solution, Inc

Part # IS25WP064A-RLLA2
Description  1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP064A-RLLA2 Datasheet(HTML) 98 Page - Integrated Silicon Solution, Inc

Back Button IS25WP064A-RLLA2 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25WP064A-RLLA2 Datasheet HTML 102Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 111 page
background image
IS25WP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
98
Rev. 00D
03/01/2016
Symbol
Parameter
Min
Typ
(3)
Max
Units
tRES1
(1)
Release deep power down
5
µs
tDP
(1)
Deep power down
3
µs
tW
Write Status Register time
2
15
ms
tSUS
(1)
Suspend to read ready
100
µs
tSRST
(1)
Software Reset recovery time
100
µs
tRESET
(1)
RESET# pin low pulse width
1
(2)
µs
tHWRST
(1)
Hardware Reset recovery time
100
µs
Notes:
1. These parameters are characterized and not 100% tested.
2. If the RESET# pulse is driven for a period shorter than 1µs (tRESET minimum), it may still reset the device, however
the 1µs minimum period is recommended to ensure reliable operation.
3. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at
VCC = VCC (Typ), TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com