Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPS50M Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # GPS50M
Description  U-GAGE K50U Ultrasonic Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

GPS50M Datasheet(HTML) 3 Page - Banner Engineering Corp.

  GPS50M Datasheet HTML 1Page - Banner Engineering Corp. GPS50M Datasheet HTML 2Page - Banner Engineering Corp. GPS50M Datasheet HTML 3Page - Banner Engineering Corp. GPS50M Datasheet HTML 4Page - Banner Engineering Corp. GPS50M Datasheet HTML 5Page - Banner Engineering Corp. GPS50M Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Sensor Type
Model
USB Adapter Cable
GPS
GPS50M
Model BWA-HW-006: USB-to-RS-485 adapter cable AND a field-wireable M12/Euro-style
connector or connecter with pigtail OR
Model BWA-UCT-900: USB to RS-485 adapter cable AND a field-wireable M12/Euro-style
connector or connecter with pigtail
U-GAGE K50U Ultrasonic
K50UX1CRA
Model BWA-USB1WIRE-001: USB-to-RS-232 1-Wire adapter cable
K50UX2CRA
Model BWA-HW-006: USB-to-RS-485 adapter cable OR
Model BWA-UCT-900: USB to RS-485 adapter cable
K50UX1ARA
Model BWA-USB1WIRE-001: USB-to-RS-232 1-Wire adapter cable
K50UX2ARA
Model BWA-HW-006: USB-to-RS-485 adapter cable OR
Model BWA-UCT-900: USB to RS-485 adapter cable
Wiring
This sensor is designed to be plugged directly into compatible Nodes. The Node powers the sensor and periodically requests data
using the 1-wire serial interface. Refer to the Class I Division 2 control drawings (p/n
143086) for wiring specifications or limitations.
5-pin M12/Euro-style Connector (Male)
Pin
Wire Color
Sensor Connection
1
4
5
3
2
1
Brown
Power IN (+), 3.6 to 5.5 V dc
2
White
1-Wire serial device select (sinking input to sensing device)
3
Blue
Ground (-)
4
Black
Not used/reserved
5
Gray
1-Wire serial communications
Holding Registers
The temperature = (Modbus register value) ÷ 20. The distance (in) = (Modbus register value) ÷ 100.
Sensor Register
Output Type
I/O Range
Holding Register Representation
Min
Max
Min (Dec)
Max (Dec)
1
Distance (mm)
0
65535
0
65535
2
Temp °C
–1638.4
1638.3
–32768
32767
3
Temp °F
–1638.4
1638.3
–32768
32767
4
Distance (in)
0
655.35
0
65535
Distance readings below 250 mm (9.84 in) for model K50UX1CRA and below 75 mm (2.95 in) for model K50UX1ARA result in a
register value of 0. If no reflection is received because the target is too far away, the register value is an error value of 65535.
Specifications
Supply Voltage
3.6 to 5.5 V dc or 10 to 30 V dc
Current
Default sensing: 180 µA
Disabled sensing: 40 µA
Active comms: 3.3 mA
Construction
Housing: PBT polyester
Transducer: epoxy/ceramic composite
Indicators
Two LEDs
Connection
Integral 5-pin M12/Euro-style male quick disconnect
Sure Cross® U-GAGE K50U Ultrasonic Sensor
P/N 191599 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com