Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPS50M Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # GPS50M
Description  U-GAGE K50U Ultrasonic Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

GPS50M Datasheet(HTML) 4 Page - Banner Engineering Corp.

  GPS50M Datasheet HTML 1Page - Banner Engineering Corp. GPS50M Datasheet HTML 2Page - Banner Engineering Corp. GPS50M Datasheet HTML 3Page - Banner Engineering Corp. GPS50M Datasheet HTML 4Page - Banner Engineering Corp. GPS50M Datasheet HTML 5Page - Banner Engineering Corp. GPS50M Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
K50UX1CRA Performance
Sensing range: 300 mm to 3 m (11.8 in to 118 in)
Ultrasonic frequency: 114 kHz
Temperature effect: 0.02% of distance/°C
Resolution: 0.1% of distance (1.5 mm minimum)
K50UX1ARA Performance
Sensing range: 100 mm to 1 m (3.94 in to 39.4 in)
Ultrasonic frequency: 224 kHz
Temperature effect: 0.02% of distance/°C
Resolution: 0.1% of distance (1.5 mm minimum)
Communication Hardware
1-wire serial interface
Baud Rates: 9.6k, 19.2k (default), or 38.4k
Data Format: 8 data bits, No parity (default), even parity, or odd parity
1 stop bit
Discrete Inputs
One Sinking
Rating: 3 mA max current at 30 V dc
ON Condition: Less than 0.7 V
OFF Condition: Greater than 2 V or open
Discrete Outputs
Discrete Outputs. One NMOS Sinking (Not used)
Discrete Output Rating: Less than 10 mA maximum current at 30 V; ON-
State Saturation: Less than 0.7 V at 20 mA
Discrete Output ON Condition. Less than 0.7 V
Discrete Output OFF Condition. Open
Communication Protocol
Sure Cross DX80 Sensor Node 1-Wire Serial Interface
Communications Line
Level Receive ON: Greater than 2 V
Level Receive OFF: Less than 0.7 V
Level Transmit ON: 2.7 to 3 V
Level Transmit OFF: 0 V (pulldown resistor of 10 kOhm)
Compatible Nodes
900 MHz Models
DX80N9X1S-P6
DX80N9X6S-P6
DX80DR9M-H6 and -H6L
DX80N9Q45U
2.4 GHz Models
DX80N2X1S-P6
DX80N2X6S-P6
DX80DR2M-H6 and -H6L
DX80N2Q45U
Environmental Rating1
Leakproof design, rated IEC IP67 (NEMA 6)
Operating Conditions
–40 °C to +70 °C (–40 °F to +158 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Vibration and Mechanical Shock
All models meet MIL-STD-202F, Method 201A (Vibration: 10 Hz to 60 Hz
maximum, 0.06 inch (1.52 mm) double amplitude, 10G maximum
acceleration) requirements. Also meets IEC 60947-5-2 (Shock: 30G 11 ms
duration, half sine wave) requirements.
Certifications
Dimensions
59.5 mm
[2.34”]
20 mm
[0.79]
27.5 mm
[1.08”]
M30 x 1.5
50 mm
[1.97”]
19 mm
[0.75”]
1 1/4-11.5 NPT
All measurements are listed in millimeters [inches], unless noted otherwise.
1
Operating the devices at the maximum operating conditions for extended periods can shorten the life of the device.
Sure Cross® U-GAGE K50U Ultrasonic Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 191599 Rev. F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com