Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPS50M Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # GPS50M
Description  U-GAGE K50U Ultrasonic Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

GPS50M Datasheet(HTML) 5 Page - Banner Engineering Corp.

  GPS50M Datasheet HTML 1Page - Banner Engineering Corp. GPS50M Datasheet HTML 2Page - Banner Engineering Corp. GPS50M Datasheet HTML 3Page - Banner Engineering Corp. GPS50M Datasheet HTML 4Page - Banner Engineering Corp. GPS50M Datasheet HTML 5Page - Banner Engineering Corp. GPS50M Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Performance Curves
1 Meter Models
With Plate Target (Typical)
With Rod Target (Typical)
Maximum Target Rotation Angle
0
0
200 mm
(8.0 in)
400 mm
(16.0 in)
600 mm
(24.0 in)
800 mm
(32.0 in)
1000 mm
(40.0 in)
50
50
100
100
150
150
200
200
0
2.0 in
2.0 in
4.0 in
4.0 in
6.0 in
6.0 in
8.0 in
8.0 in
DISTANCE
100 x 100 mm
10 x 10 mm
0
50
50
100
100
150
150
200
200
0
200 mm
(8.0 in)
400 mm
(16.0 in)
600 mm
(24.0 in)
800 mm
(32.0 in)
1000 mm
(40.0 in)
0
2.0 in
2.0 in
4.0 in
4.0 in
6.0 in
6.0 in
8.0 in
8.0 in
25 mm Rod
10 mm Rod
DISTANCE
20
30
10
0
0
500 mm
(20.0")
1000 mm
(40.0")
1500 mm
(60.0")
2000 mm
(80.0")
2500 mm
(100.0")
3000 mm
(120.0")
Target Rotation
(Degrees)
Distance
10
20
30
3 Meter Models
With Plate Target (Typical)
With Rod Target (Typical)
Maximum Target Rotation Angle
400 mm
300 mm
200 mm
100 mm
0
0
600 mm
(24")
1200 mm
(48")
1800 mm
(72")
2400 mm
(96")
3000 mm
(120")
100 mm
200 mm
300 mm
400 mm
16"
12"
8"
4"
0
4"
8"
12"
16"
DISTANCE
100 x 100 mm
400 mm
300 mm
200 mm
100 mm
0
0
600 mm
(24")
1200 mm
(48")
1800 mm
(72")
2400 mm
(96")
3000 mm
(120")
DISTANCE
100 mm
200 mm
300 mm
400 mm
16"
12"
8"
4"
0
4"
8"
12"
16"
25 mm Rod
10 mm Rod
20
30
10
0
0
500 mm
(20")
1000 mm
(40")
1500 mm
(60")
2000 mm
(80")
2500 mm
(100")
3000 mm
(120")
DISTANCE
10
20
30
Accessories
Brackets
BWA-BK-004
•
Mounts both the K50U
Ultrasonic sensor and a
Wireless Q45U Node or
DX80 Node
81
54
181
Ø30
BWA-BK-006
•
Mounts both the K50U
Ultrasonic sensor and a
Wireless Q45U Node
64
54
97
Ø33.5
4X Ø5.2
4X Ø6
Euro-Style Cordsets - Double Ended
When using the FlexPower Node with integrated battery, use a double ended cordset. When using a FlexPower Node with external
power supply, use a single ended cordset. If using the communication lines, the cable length cannot exceed 3 meters (10 ft).
Sure Cross® U-GAGE K50U Ultrasonic Sensor
P/N 191599 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com