Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPS50M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # GPS50M
Description  U-GAGE K50U Ultrasonic Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

GPS50M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  GPS50M Datasheet HTML 1Page - Banner Engineering Corp. GPS50M Datasheet HTML 2Page - Banner Engineering Corp. GPS50M Datasheet HTML 3Page - Banner Engineering Corp. GPS50M Datasheet HTML 4Page - Banner Engineering Corp. GPS50M Datasheet HTML 5Page - Banner Engineering Corp. GPS50M Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
The Sure Cross® K50U sensor works in a variety of environments to provide a measurement of the distance between the target
and the sensor. It is designed for plug-and-play use with the Wireless Q45U Node (or any other Banner 1-wire serial node), creating
a cost-effective and easy-to-use solution for monitoring remote or mobile tanks and totes.
Benefits
•
Monitor wirelessly to avoid long cable runs
•
Threaded housing for easy installation
•
Easily monitor remote and mobile tanks and totes
•
Completely wireless solution with 2+ year battery life at default sample rates
•
Provides a distance measurement from the target to the sensor
•
Built-in temperature compensation
•
Rugged design for demanding sensing environments; rated IEC IP67, NEMA 6P
•
Connects using a 1-wire serial interface
•
Designed to work with FlexPower 1-Wire Serial Interface Node models
DX80N9X1S-P6 and DX80N2X1S-P6, the 10 to 30 V dc powered 1-Wire Serial
Interface Node models DX80N9X6S-P6 and DX80N2X6S-P6, MultiHop M-H6 and
M-H6L radios, and Wireless Q45 Sensor Nodes DX80N2Q45U and DX80N9Q45U
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A sensor failure or malfunction can cause either an energized or de-energized
sensor output condition.
Models
Model
Range and Frequency
Supply Voltage
I/O
K50UX1ARA
Range: 100 mm to 1 m (3.94 in to 39.4 in)
Freq: 224 kHz
3.6 to 5.5 V dc or 10
to 30 V dc
Distance to target using
a 1-wire serial interface
K50UX1CRA
Range: 300 mm to 3 m (11.8 in to 118 in)
Freq: 114 kHz
Overview
The K50U is an easy-to-use ultrasonic sensor with extended range and built-in temperature compensation. This sensor is designed
to interface with a Node with 1-Wire Serial Interface. To install the sensor to either the serial Node or a cable, follow these
instructions:
1. Align the notch in the Node’s or cable’s female connector with the key in the sensor’s male connector.
2. Gently slide the sensor end into the Node’s or cable’s connector.
3. Rotate the Node’s or cable’s threaded nut to tighten the sensor down. DO NOT attempt to rotate the sensor after it is
connected to the Node’s serial port or the cable end, this will damage the sensor.
Indicator LEDs communicate the status of the sensor. The flashing green Power LED indicates the sensor is in Run Mode (the
sensor’s normal operating condition).
Configure this sensor using the Sure Cross®
Sensor Configuration Tool (instruction manual 170002) and adapter cable BWA-
USB1WIRE-001 (datasheet
170020).
Principles of Operation
Ultrasonic sensors emit one or multiple pulses of ultrasonic energy, which travel through the air at the speed of sound. A portion of
this energy reflects off the target and travels back to the sensor. The sensor measures the total time required for the energy to
reach the target and return to the sensor. The distance to the object is then calculated using the following formula: D = ct ÷ 2
Sure Cross® U-GAGE K50U Ultrasonic Sensor
Original Document
191599 Rev. F
2 May 2018
191599


Similar Part No. - GPS50M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
GPS50M BANNER-GPS50M Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
More results

Similar Description - GPS50M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
T18U BANNER-T18U Datasheet
552Kb / 4P
U-GAGE T18U Series Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
UC6000-30GM-2EP-IO-V15 PF-UC6000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
Ultrasonic sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com