| Electronic Components Datasheet Search |
|
AD8354ACP-R2 Datasheet(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8354ACP-R2 Datasheet(HTML) 3 Page - Analog Devices |
|
3 / 16 page ![]() REV. A AD8354 –3– SPECIFICATIONS Parameter Conditions Min Typ Max Unit OVERALL FUNCTION Frequency Range 0.1 2.7 GHz Gain f = 900 MHz 19.5 dB f = 1.9 GHz 18.7 dB f = 2.7 GHz 17.3 dB Delta Gain f = 900 MHz, –40 °C ≤ T A ≤ +85°C –0.93 dB f = 1.9 GHz, –40 °C ≤ T A ≤ +85°C –0.99 dB f = 2.7 GHz, –40 °C ≤ TA ≤ +85°C –1.21 dB Gain Supply Sensitivity VPOS ±10%, f = 900 MHz 0.32 dB/V f = 1.9 GHz 0.21 dB/V f = 2.7 GHz 0.08 dB/V Reverse Isolation (S12)f = 900 MHz –33.5 dB f = 1.9 GHz –37.6 dB f = 2.7 GHz –32.9 dB RF INPUT INTERFACE Pin RFIN Input Return Loss f = 900 MHz 24.4 dB f = 1.9 GHz 23.9 dB f = 2.7 GHz 13.5 dB RF OUTPUT INTERFACE Pin VOUT Output 1 dB Compression f = 900 MHz 4.8 dBm f = 1.9 GHz 4.6 dBm f = 2.7 GHz 3.6 dBm Delta Compression Point f = 900 MHz, –40 °C ≤ T A ≤ +85°C0.37 dB f = 1.9 GHz, –40 °C ≤ T A ≤ +85°C –0.14 dB f = 2.7 GHz, –40 °C ≤ T A ≤ +85°C –0.05 dB Output Return Loss f = 900 MHz 23.7 dB f = 1.9 GHz 22.5 dB f = 2.7 GHz 17.6 dB DISTORTION/NOISE Output Third Order Intercept f = 900 MHz, f = 50 MHz, PIN = –30 dBm 19.3 dBm f = 1.9 GHz, f = 50 MHz, PIN = –30 dBm 17.3 dBm f = 2.7 GHz, f = 50 MHz, PIN = –30 dBm 15.3 dBm Output Second Order Intercept f = 900 MHz, f = 1 MHz, PIN = –28 dBm 28.7 dBm Noise Figure f = 900 MHz 4.4 dB f = 1.9 GHz 5 dB f = 2.7 GHz 5.6 dB POWER INTERFACE Pin VPOS Supply Voltage 4.5 5 5.5 V Total Supply Current TA = 27 °C17 2534 mA Supply Voltage Sensitivity 4 mA/V Temperature Sensitivity –40 °C ≤ T A ≤ +85°C28 µA/°C Specifications subject to change without notice. (VS = 5 V, TA = 25 C, no external inductor between VOUT and VPOS, ZO = 50 , unless otherwise noted.) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |