Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8354ACP-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8354ACP-R2
Description  100 MHz-2.7 GHz RF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8354ACP-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8354ACP-R2 Datasheet HTML 1Page - Analog Devices AD8354ACP-R2 Datasheet HTML 2Page - Analog Devices AD8354ACP-R2 Datasheet HTML 3Page - Analog Devices AD8354ACP-R2 Datasheet HTML 4Page - Analog Devices AD8354ACP-R2 Datasheet HTML 5Page - Analog Devices AD8354ACP-R2 Datasheet HTML 6Page - Analog Devices AD8354ACP-R2 Datasheet HTML 7Page - Analog Devices AD8354ACP-R2 Datasheet HTML 8Page - Analog Devices AD8354ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
AD8354
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8354 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPOS . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Input Power (re: 50
Ω) . . . . . . . . . . . . . . . . . . . . . . . . 10 dBm
Equivalent Voltage . . . . . . . . . . . . . . . . . . . . . . 700 mV rms
Internal Power Dissipation
Paddle Not Soldered . . . . . . . . . . . . . . . . . . . . . . . . 325 mW
Paddle Soldered . . . . . . . . . . . . . . . . . . . . . . . . . . . 812 mW
JA (Paddle Not Soldered) . . . . . . . . . . . . . . . . . . . . . 200
°C/W
JA (Paddle Soldered) . . . . . . . . . . . . . . . . . . . . . . . . . . 80
°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 240
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
1
NC = NO CONNECT
COM1
NC
INPT
COM1
VOUT
VPOS
COM2
COM2
AD8354
2
3
4
7
6
5
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
Branding
AD8354ACP-R2
–40
°C to +85°C
8-Lead LFCSP
CP-8
JCA
AD8354ACP-REEL7
–40
°C to +85°C
8-Lead LFCSP
CP-8
JCA
AD8354-EVAL
Evaluation Board
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1, 8
COM1
Device Common. Connect to low
impedance ground.
2NCNo Connection.
3INPT
RF Input Connection. Must be
ac-coupled.
4, 5
COM2
Device Common. Connect to low
impedance ground.
6
VPOS
Positive Supply Voltage.
7
VOUT
RF Output Connection. Must be
ac-coupled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List