| Electronic Components Datasheet Search |
|
AD8354ACP-R2 Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8354ACP-R2 Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() REV. A AD8354 –7– FREQUENCY (MHz) 4.0 500 1000 NF AT 3.3V NF AT 3.0V NF AT 2.7V 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0 2000 2500 1500 3000 0 TPC 13. Noise Figure vs. Frequency, VS = 2.7 V, 3 V, and 3.3 V, TA = 25 C NOISE FIGURE (dB) 0 4.70 25 20 15 10 5 30 35 40 4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 TPC 14. Distribution of Noise Figure, VS = 3 V, TA = 25 C, f = 2.2 GHz 180 150 120 90 60 30 0 330 300 270 240 210 TPC 15. S11 vs. Frequency, VS = 5 V, TA = 25 C, 100 MHz ≤ f ≤ 3 GHz FREQUENCY (MHz) 3.0 500 1500 NF AT –40 C 3.5 4.0 4.5 5.0 5.5 6.5 6.0 NF AT +25 C NF AT +85 C 1000 2500 2000 3000 0 TPC 16. Noise Figure vs. Frequency, VS = 3 V, TA = –40 C, +25 C, and +85 C TEMPERATURE ( C) 0 –60 5 10 15 20 25 30 IS AT 3.0V IS AT 3.3V IS AT 2.7V –40 –20 0 20 40 60 80 100 TPC 17. Supply Current vs. Temperature, VS = 2.7 V, 3 V, and 3.3 V 180 150 120 90 60 30 0 330 300 270 240 210 TPC 18. S22 vs. Frequency, VS = 5 V, TA = 25 C, 100 MHz ≤ f ≤ 3 GHz |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |