Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8354ACP-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8354ACP-R2
Description  100 MHz-2.7 GHz RF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8354ACP-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8354ACP-R2 Datasheet HTML 1Page - Analog Devices AD8354ACP-R2 Datasheet HTML 2Page - Analog Devices AD8354ACP-R2 Datasheet HTML 3Page - Analog Devices AD8354ACP-R2 Datasheet HTML 4Page - Analog Devices AD8354ACP-R2 Datasheet HTML 5Page - Analog Devices AD8354ACP-R2 Datasheet HTML 6Page - Analog Devices AD8354ACP-R2 Datasheet HTML 7Page - Analog Devices AD8354ACP-R2 Datasheet HTML 8Page - Analog Devices AD8354ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD8354
100 MHz to 2.7 GHz
RF Gain Block
FEATURES
Fixed Gain of 20 dB
Operational Frequency of 100 MHz to 2.7 GHz
Linear Output Power-Up to 4 dBm
Input/Output Internally Matched to 50
Temperature and Power Supply Stable
Noise Figure 4.2 dB
Power Supply 3 V or 5 V
APPLICATIONS
VCO Buffers
General Tx/Rx Amplification
Power Amplifier Predriver
Low Power Antenna Driver
FUNCTIONAL BLOCK DIAGRAM
BIAS AND VREF
COM1
INPT
VOUT
VPOS
COM2
AD8354
GENERAL DESCRIPTION
The AD8354 is a broadband, fixed-gain linear amplifier that
operates at frequencies from 100 MHz up to 2.7 GHz. It is
intended for use in a wide variety of wireless devices including
cellular, broadband, CATV, and LMDS/MMDS applications.
By taking advantage of Analog Devices’ high performance
complementary Si bipolar process, these gain blocks provide
excellent stability over process, temperature, and power supply.
This amplifier is single-ended and internally matched to 50
Ω
with a return loss of greater than 10 dB over the full operating
frequency range.
The AD8354 provides linear output power of nearly 4.3 dBm
with 20 dB of gain at 900 MHz when biased at 3 V and an
external RF choke is connected between the power supply and
the output pin. The dc supply current is 24 mA. At 900 MHz,
the output third order intercept (OIP3) is greater than 18 dBm;
at 2.7 GHz, the OIP3 is 14 dBm.
The noise figure is 4.2 dB at 900 MHz. The reverse isolation
(S12) is –33 dB at 900 MHz.
The AD8354 can also operate with a 5 V power supply, in which
case no external inductor is required. Under these conditions,
the AD8354 delivers 4.8 dBm with 20 dB of gain at 900 MHz.
The dc supply current is 26 mA. At 900 MHz, the OIP3 is
greater than 19 dBm, and at 2.7 GHz, the OIP3 is 15 dBm.
The noise figure is 4.4 dB at 900 MHz. The reverse isolation
(S12) is –33 dB.
The AD8354 is fabricated on Analog Devices’ proprietary, high
performance 25 GHz Si complementary bipolar IC process. The
AD8354 is available in a chip scale package that utilizes an exposed
paddle for excellent thermal impedance and low impedance
electrical connection to ground. It operates over a –40
°C to
+85
°C temperature range.
An evaluation board is available.


Similar Part No. - AD8354ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354ACP-R2 AD-AD8354ACP-R2 Datasheet
363Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. B to Rev. C
More results

Similar Description - AD8354ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
198Kb / 12P
100 MHz-2.7 GHz RF Gain Block
REV.0
AD8312 AD-AD8312 Datasheet
576Kb / 13P
100 MHz-2.7 GHz, 45 dB RF Log Detector
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. B to Rev. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. A to Rev. B
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16