Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9102AT Datasheet (PDF) - List of Unclassifed Manufacturers

DM9102AT Datasheet PDF - List of Unclassifed Manufacturers
Part # DM9102AT
Download  DM9102AT Download
File Size   459.61 Kbytes
Page   77 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single Chip Fast Ethernet NIC controller

DM9102AT Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9102AT Datasheet PDF - List of Unclassifed Manufacturers

Part # DM9102AT
Download  DM9102AT Click to download

File Size   459.61 Kbytes
Page   77 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single Chip Fast Ethernet NIC controller

DM9102AT Datasheet (HTML) - List of Unclassifed Manufacturers


DM9102AT Product details

[Davicom]



General Description

The DM9102A is a fully integrated and cost-effective single chip Fast Ethernet NIC controller. It is designed with the low power and high performance process. It is a 3.3V device with 5V tolerance then it supports 3.3Vand 5V signaling.

The DM9102A provides direct interface to the PCI or the CardBus. It supports bus master capability and fully complies with PCI 2.2. In media side, The DM9102A interfaces to the UTP3,4,5 in 10Base-T and UTP5 in 100Base-TX. It is fully compliance with the IEEE 802.3u Spec. Its auto-negotiation function will automatically configure the DM9102A to take the maximum advantage of its abilities. The DM9102A is also support IEEE 802.3x full duplex flow control.

The DM9102A supports two types of power-management mechanisms. The main mechanism is based upon the OnNow architecture, which is required for PC99. The alternative mechanism is based upon theremote Wake-On LAN mechanism.



Features

■ Integrated Fast Ethernet MAC, Physical Layer and transceiver in one chip.

■ 128pin QFP/128pin TQFP with CMOS process.

■ +3.3V Power supply with +5V tolerant I/O.

■ Supports PCI and CardBus interfaces.

■ Comply with PCI specification 2.2.

■ PCI clock up to 40MHz.

■ PCI bus master architecture.

■ PCI bus burst mode data transfer.

■ Two large independent FIFO; receive FIFO & transmit FIFO.

■ Up to 256K bytes Boot EPROM or Flash interface.

■ EEPROM 93C46 interface supports node ID accesses configuration information and user define message.

■ Node address auto-load and reload.

■ Comply with IEEE 802.3u 100Base-TX and 802.3 10Base-T.

■ Comply with IEEE 802.3u auto-negotiation protocol for automatic link type selection.

■ Full Duplex/Half Duplex capability.

■ Support IEEE 802.3x Full Duplex Flow Control

■ VLAN support.

■ Comply with ACPI and PCI Bus Power Management.

■ Supports the MII (Media Independent Interface).

■ Supports Wake-On-LAN function and remote wake-up (Magic packet, Link Change and Microsoft® wake-up frame).

■ Supports 4 Wake-On-LAN (WOL) signals (active high pulse, active low pulse, active high , active low ).

■ High performance 100Mbps clock generator and data recovery circuit.

■ Digital clock recovery circuit using advanced digital algorithm to reduce jitter.

■ Adaptive equalization circuit and Baseline wandering restoration circuit for 100Mbps receiver.

■ Provides Loopback mode for easy system diagnostics.



 




Similar Part No. - DM9102AT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DM9102A PULSE-DM9102A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results


Similar Description - DM9102AT

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com