Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX98L715BEC Datasheet (PDF) - Macronix International

MX98L715BEC Datasheet PDF - Macronix International
Part # MX98L715BEC
Download  MX98L715BEC Download

File Size   578.45 Kbytes
Page   50 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER

MX98L715BEC Datasheet (PDF)

Go To PDF Page Download Datasheet
MX98L715BEC Datasheet PDF - Macronix International

Part # MX98L715BEC
Download  MX98L715BEC Click to download

File Size   578.45 Kbytes
Page   50 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER

MX98L715BEC Datasheet (HTML) - Macronix International


MX98L715BEC Product details

GENERAL DESCRIPTIONS
The MX98L715BEC controller is an IEEE802.3u compliant single chip 32-bit full duplex, 10/100Mbps highly integrated Fast Ethernet combo solution, designed to address high performance local area networking (LAN) system application requirements.

FEATURES10/100M
Ethernet Interface
• A single chip solution integrates 100/10 Base-T fast Ethernet MAC, PHY and PMD
• Fully comply to IEEE 802.3u specification
• Operates over 100 meters of STP and cat 5 UTP cable
• Support full and half duplex operations in both 100 Base-TX and 10 Base-T mode
• Supports IEEE802.3x Frame Based Flow Control scheme in full duplex mode.
• Supports transmission and reception of IEEE802.1Q tagged frames.
• Supports QoS with prioritized traffic.
• Supports network and communication device class OnNow requirements for Microsofts PC99 specifications, including 3 wake up events :
    - Link Change (link-on)
    - Wake Up Frames
    - Magic Packet
• 100/10 Base-T NWAY auto-negotiation function
• Support up to 5 LEDs for various network activities
• Supports early interrupt on both transmit and receive operations.
• Support a variety of flexible address filtering modes with 16 CAM address and 64 bits hash table

Home PNA interface
• Support 7-wire general purpose serial interface to link with 1M8 PHY for home networking

PCI/MiniPCI interface
• Fully comply to PCI spec. 2.2 and Mini PCI spec. 0.73 up to 33MHz
• Fully comply to Advanced Configuration and Power Interface (ACPI) Rev 1.1
• Fully comply to PCI Bus Power Management Interface spec. Rev 1.1
• Bus master architecture with linked host buffers delivers the most optimized performance
• 32-bit bus master DMA channel provides ultra low CPU utilization suitable for server and windows applications.
• Proprietary Adaptive Network Throughput Control (ANTC) technology to optimize data integrity and throughput

Other features
• Large on-chip FIFOs for both transmit and receive operations without external local memory
• Support up to 128K bytes boot ROM/Flash interface
• MicroWire interface to EEPROM for customers IDs and configuration data
• Single 3.3V power supply, CMOS technology, 128-pin PQFP package




Similar Part No. - MX98L715BEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX98224EC ETC-MX98224EC Datasheet
274Kb / 38P
   24-port Dual-Speed Ethernet Switch Controller
logo
Macronix International
MX98704 MCNIX-MX98704 Datasheet
89Kb / 15P
   100BASE-TX PHYSICAL DATA TRANSCEIVER
MX98704EC MCNIX-MX98704EC Datasheet
89Kb / 15P
   100BASE-TX PHYSICAL DATA TRANSCEIVER
MX98704QC MCNIX-MX98704QC Datasheet
89Kb / 15P
   100BASE-TX PHYSICAL DATA TRANSCEIVER
MX98715 MCNIX-MX98715 Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
More results


Similar Description - MX98L715BEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com